Electronic Components Datasheet Search
  English  ▼

X  

3164 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3164
Description  50 Hz Lowpass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3164 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3164 Datasheet HTML 1Page - KR Electronics, Inc. 3164 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2014, KR Electronics, Inc.
3164, 50 Hz Lowpass, Rev 0, August 26, 2014
Parameter
Specification
Filter type
Lowpass
Insertion Loss at 5 Hz
0.2 dB max
Attenuation at 50 Hz
1 dB max
Attenuation at 60 Hz
3 dB typical
Attenuation at 100 Hz
10 dB min
Source Impedance
<100
Differntial 
Drive filter with this impedance
Load Impedance
>100 K
Differntial 
Load filter with this impedance

KR Electronics 3164
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. Dimensions in inches
2. Epoxy Package
3. Use specified Source & Load Impedance for proper operation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com