Electronic Components Datasheet Search
  English  ▼

X  

AN4426 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4426
Description  Tutorial for MEMS microphones
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4426 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4426 Datasheet HTML 10Page - STMicroelectronics AN4426 Datasheet HTML 11Page - STMicroelectronics AN4426 Datasheet HTML 12Page - STMicroelectronics AN4426 Datasheet HTML 13Page - STMicroelectronics AN4426 Datasheet HTML 14Page - STMicroelectronics AN4426 Datasheet HTML 15Page - STMicroelectronics AN4426 Datasheet HTML 16Page - STMicroelectronics AN4426 Datasheet HTML 17Page - STMicroelectronics AN4426 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Acoustic parameters
AN4426
14/18
DocID025704 Rev 1
2.7
Total harmonic distortion
THD is the measurement of the distortion affecting the electrical output signal of the
microphone given an undistorted acoustic signal as input. THD+N is expressed as a ratio of
the integer in a specified band of the power of the harmonics plus the power of noise and
the power of the undistorted signal (fundamental).
Equation 1
Typically ST indicates the THD+N measured in the (50 Hz - 4 kHz) band for a given
undistorted signal 1 kHz @ 100 dBSPL.
2.8
PSRR and PSR
PSRR indicates the capability of the ASIC to reject noise added to the supply voltage. To
evaluate this parameter, a tone of VIN = 100 mVpk-pk @ 217 Hz (GSM switching frequency
in phone applications) is added to the power supply and then the amplitude of the output is
measured. The added noise can be either a square wave or sinusoidal wave. Typically the
square wave is preferred since it is the worst case.
PSRR is the ratio of the residual noise amplitude at the microphone output (VOUT @ 217
Hz) to the added spurious signal on the supply voltage. It is typically expressed in dB as
given in the equation below:
Equation 2
PSRR = 20 x Log [(VOUT @ 217 Hz) / (VIN @ 217 Hz)]
The capability of the integrated circuit to reject noise added to the supply voltage can also
be expressed with another parameter that is the PSR. Basically it is simply a measurement
of the output when noise of 100 mVpk-pk @ 217 Hz is superposed to the supply voltage.
Consequently expressed in dB as given in the equation below:
Equation 3
PSR = 20 x Log (Vout @ 217 Hz)
To evaluate either the PSRR or PSR, proper sealing of the sound inlet or measurements
performed in an anechoic chamber are recommended to avoid mixing the superimposed
noise with that of the noise floor of the output. Finally, in the microphone datasheets PSR is
commonly given instead of PSRR.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com