Electronic Components Datasheet Search
  English  ▼

X  

AN4501 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 22Page - STMicroelectronics AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics AN4501 Datasheet HTML 26Page - STMicroelectronics AN4501 Datasheet HTML 27Page - STMicroelectronics AN4501 Datasheet HTML 28Page - STMicroelectronics AN4501 Datasheet HTML 29Page - STMicroelectronics AN4501 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Selection of the freewheeling diode
AN4501
26/48
DocID026394 Rev 1
VOUT,OVTH must be set to a value which is higher than VLED,MAX.
The overvoltage threshold is determined by the resistors R1 and R2 (see Figure 11):
where OV_TH1 is typically 3.5 V (refer to datasheet of the L99LD01).
Figure 11. Feedback resistors for output over-voltage detection
The minimum breakdown, with a margin of 20% gives:
Equation 17:
VBRMIN = 1.2 x VOUT,OVTH
V
OUT,OVTH
OV_TH1
1
R
1
R
2
-------
+



×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com