Electronic Components Datasheet Search
  English  ▼

X  

TN0108 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics TN0108 Datasheet HTML 23Page - STMicroelectronics TN0108 Datasheet HTML 24Page - STMicroelectronics TN0108 Datasheet HTML 25Page - STMicroelectronics TN0108 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Power, low power, and wakeup
TN0108
24/26
Doc ID 15874 Rev 2
On Cut 2 devices, the voltage regulator has been current-clamped to 200 mA, so the bulk-
storage capacitors on the customer board can be smaller and more optimized.
Note that hardware designed for Cut 1.1 will be fully functional with Cut 2 devices, but if the
bulk capacitors have been reduced for Cut 2 hardware, this hardware will not support
Cut 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26