Electronic Components Datasheet Search
  English  ▼

X  

IRL3102 Datasheet(PDF) 7 Page - International Rectifier

Part # IRL3102
Description  Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3102 Datasheet(HTML) 7 Page - International Rectifier

  IRL3102 Datasheet HTML 1Page - International Rectifier IRL3102 Datasheet HTML 2Page - International Rectifier IRL3102 Datasheet HTML 3Page - International Rectifier IRL3102 Datasheet HTML 4Page - International Rectifier IRL3102 Datasheet HTML 5Page - International Rectifier IRL3102 Datasheet HTML 6Page - International Rectifier IRL3102 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRL3102
L EAD ASSIG N M E NT S
1 - G A T E
2 - D R A IN
3 - SOURCE
4 - D R A IN
- B -
1.32 (.052)
1.22 (.048)
3X
0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185 )
4.20 (.165 )
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.04 5)
M IN
6.47 (.255)
6.10 (.240)
3 .78 (.14 9)
3 .54 (.13 9)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.11 3)
2.62 (.10 3)
15.24 (.60 0)
14.84 (.58 4)
14.09 (.55 5)
13.47 (.53 0)
3X
1 .40 (.0 55)
1 .15 (.0 45)
2.54 (.100)
2X
0.36 (.014)
M
B
A
M
4
1
2
3
NO T ES:
1 DIM E N S IO NING & T O L E RANCIN G PER ANSI Y1 4 .5 M , 1 9 82 .
3 O U T L IN E CONF OR M S TO J E DEC OUT L IN E T O -2 2 0 AB.
2 C O N TR O L LIN G D IM E N S IO N : IN C H
4 H E A T S IN K & LE A D M E A S U R E M E N T S D O NO T INCL UDE BURRS.
PAR T NU M BER
IN T E R N A T IO N A L
RE CT IF IE R
L O G O
E X A M P L E : T H IS IS A N IR F1010
W IT H ASSE M B L Y
L O T C O D E 9 B 1 M
A SSEM BL Y
L O T
C O D E
DA T E CO DE
(YYW W )
YY = YE A R
WW = WE E K
92 4 6
IR F 1 0 1 0
9B
1 M
A
Part Marking Information
TO-220AB
Package Outline
TO-220AB Outline
Dimensions are shown in millimeters (inches)
PAR T NUM BER
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
EX AM PL E : T H IS IS AN IR F 1 0 1 0
W IT H ASSE M B L Y
L O T C O D E 9 B 1 M
A S SEMBL Y
L O T
C O D E
DA T E C O DE
(YYW W )
YY = YE A R
WW = WE E K
92 4 6
IR F 1 0 1 0
9B
1 M
A
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
11/97



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com