Electronic Components Datasheet Search
  English  ▼

X  

GDF576 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # GDF576
Description  Tri-state function available on pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

GDF576 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  GDF576 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phase Noise ( typical ) [ 156.250 MHz ]
Offset
10 Hz 100 Hz
1K Hz
dBc / Hz
-62
-90
-120
EF
-132
If non-standard , please enter the
-128
-140
-150
" I20 " ± 20 ppm over -40°C to +85°C
10 KHz 100KHz 1 MHz 10 MHz
Industrial ( -40°C to +85°C )
D
Output Logic High " 1 "
Output Logic Low " 0 "
Frequency Stability
(1) Codes
Commercial ( -10°C to +70°C )
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Storage Temperature
- 50°C to 100°C
Aging
± 3 ppm per year (max.)
desired stability after the " C " or " I "
Operating Temperature Range
± 25 ppm ± 50 ppm ± 100 ppm
65 mA ( max. )
80 mA ( max. )
90 mA ( max. )
Start - Up Time (Ts)
10 m sec.( typical )
typical
1.43 V ( RL = 100 Ω )
max.
1.60 V ( RL = 100 Ω )
To tune to the nomial frequency with Vc = 1.65V ± 0.15V
VCXO [ Voltage Controlled Crystal Oscillators ]
GDF576 series 3.3 V
SMD LVDS output
7.0 x 5.0 x 1.8 mm
Phase Jitter < 0.5 ps [ 38.0 ~ 640.0 MHz ]
■
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Outline Dimensions ( Unit : mm )
General Specifications
Paramenters
Electrical Spec.
Input Voltage ( VDD)
3.3 V ± 5 %
Output Wave Form
LVDS output
Integrated Phase Noise ( 12 KHz to 20 MHz )
Standard : ± 80 ppm ( min. )
Control Voltage Center / Control Voltage Range
1.65 VDC / 0.3 V to 3.0 V
min.
0.9 V ( RL = 100 Ω )
Duty Cycle
Mercury www .mercury-crystal.com
0.4 ps ( typical ) ; 0.5 ps ( max.)
Rise Time ( Tr ) / Fall Time ( Tf )
0.4n sec.( typical ) ; 0.6 n sec. ( max.)
typical
1.1 V ( RL = 100 Ω )
Initial Freq. Accuracy ( at 25 °C )
50% ± 10% [ 50% ± 5% is also available ]
Frequency Deviation Range
Frequency Stability over
Load
50 Ω from each output
Current Consumption ( 15 pF load )
38.0 ~ 100.0 MHz
100.1 ~ 320.0 MHz
320.1 ~ 800.0 MHz
Features
Applications
●
Tri-state function available on pad No. 2.
Frequency Range / Load
38.0 MHz ~ 640,0 MHz
●
" GPF " series: Best performance among the three series. Phase jitter is less than 0.5 ps.


Similar Part No. - GDF576

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDF576 EUROQUARTZ-GDF576 Datasheet
225Kb / 1P
7 x 5 x 1.8mm SMD VCXO
More results

Similar Description - GDF576

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
H43 MERCURY-H43 Datasheet
85Kb / 1P
Tri-state function available.
HDF621 MERCURY-HDF621 Datasheet
118Kb / 1P
Tri-state function available on pad No. 2.
HDF622 MERCURY-HDF622 Datasheet
118Kb / 1P
Tri-state function available on pad No. 2.
HDK621 MERCURY-HDK621 Datasheet
120Kb / 1P
Tri-state function available on pad No. 2.
HDK622 MERCURY-HDK622 Datasheet
120Kb / 1P
Tri-state function available on pad No. 2.
HDW621 MERCURY-HDW621 Datasheet
118Kb / 1P
Tri-state function available on pad No. 2.
HDW622 MERCURY-HDW622 Datasheet
118Kb / 1P
Tri-state function available on pad No. 2.
HDW5761 MERCURY-HDW5761 Datasheet
120Kb / 1P
Tri-state function available on pad No. 1.
HDW5762 MERCURY-HDW5762 Datasheet
120Kb / 1P
Tri-state function available on pad No. 2.
HF42 MERCURY-HF42 Datasheet
118Kb / 1P
Tri-state function available.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com