Electronic Components Datasheet Search
  English  ▼

X  

2SK3152 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SK3152
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3152 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SK3152_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3152_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SK3140
Rev.2.00 Sep 07, 2005 page 7 of 7
Package Dimensions
10.0 ± 0.3
7.0 ± 0.3
3.2 ± 0.2
2.8 ± 0.2
2.5 ± 0.2
0.5 ± 0.1
2.5
4.45 ± 0.3
0.7 ± 0.1
2.54 ± 0.5
2.54 ± 0.5
1.2 ± 0.2
1.4 ± 0.2
φ
Package Name
PRSS0003AD-A
TO-220FM / TO-220FMV
MASS[Typ.]
1.8g
SC-67
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SK3152
500 pcs
Box (Sack)
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com