Electronic Components Datasheet Search
  English  ▼

X  

N82005MT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N82005MT
Description  10Gb Duplex Multimode 50-125 OM3 LSZH Fiber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N82005MT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N82005MT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N82005MT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber
Patch Cable with Push/Pull Tab Connectors,
(LC/LC) - Aqua, 5M (16-ft.)
MODEL NUMBER: N820-05M-T
Description
Tripp Lite's N820-05M-T is a Premium OM3 Laser-Optimized Multimode Fiber (LOMMF) "Aqua" cable, for use
with 10GbE applications. This 50/125um, LC/LC Fiber Optic cable provides nearly three times the bandwidth over
conventional 62.5um multimode fiber, with performance rivaling that of Singlemode cable, at a much reduced
cost. Each LC/LC connector features a push/pull tab, providing maximum accessibility in high density
installations; install or remove the cable with one hand without needing additional tools. LOMMF cable allows
10GbE serial transmission over extended distances in the 850nm wavelength window, where low-cost Vertical
Cavity Surface Emitting Lasers (VCSELs) enable a cost-effective, high-bandwidth solution. LOMMF is ideally
suited for LAN's, SAN's, and high-speed parallel interconnects for head-ends, central offices, and data centers.
A slim, uniboot design provides space savings, while premium-grade ceramic ferrules are designed for 10GbE
and faster applications. Backward compatible with existing 50/125 fiber. Sturdy plastic housing for long lasting durability.
Features
5M ( 16-ft ) LC/LC, OM3 rated
Push/Pull tab connectors offer maximum accessibility in high density installations; install / remove with one hand without needing additional tools
Slim uniboot design saves space and makes cables easier to manage
Premium-grade ceramic ferrule designed specifically for 10GbE and faster applications
Sturdy plastic housing for long-lasting durability
10GbE speed to 300 meters @850nm
Use with VCSEL and LED laser light sources
High-Speed, High-Bandwidth, Low-Cost
Backward compatible with legacy LAN's
Ideal for Fibre Channel (SAN) applications
IEEE 802.3ae and TIA LOMMF compliant
Highlights
Push/Pull tab connectors offer
maximum accessibility in high
density installations; install /
remove with one hand without
needing additional tools
Slim uniboot design saves space
and makes cables easier to
manage
Premium-grade ceramic ferrules
designed specifically for 10GbE
and faster applications
Sturdy plastic housing for
long-lasting durability
Backward compatible with
existing 50/125 fiber
Max 10GbE distance of 300
meters @850nm
Low-Smoke, Zero Halogen
(LSZH) Aqua jacket
Applications
For use with 10-Gigabit Ethernet
equipment
Package Includes
5M ( 16-ft ) Duplex Multimode
50/125 Aqua OM3 Fiber Patch
Cable with Push/Pull Tabs,
LC/LC
1 / 2


Similar Part No. - N82005MT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N82005M TRIPPLITE-N82005M Datasheet
474Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-LC) - Aqua, 5M (16-ft)
N82005MOM4 TRIPPLITE-N82005MOM4 Datasheet
480Kb / 2P
10Gb-100Gb Duplex Multimode 50-125 OM4 LSZH Fiber Patch Cable (LC-LC) - Aqua, 5M (16-ft)
More results

Similar Description - N82005MT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N80615M TRIPPLITE-N80615M Datasheet
506Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 15M (50-ft)
N81615M TRIPPLITE-N81615M Datasheet
487Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 15M (50-ft.)
N82001MT TRIPPLITE-N82001MT Datasheet
513Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber
N82002MT TRIPPLITE-N82002MT Datasheet
514Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber
N82003M TRIPPLITE-N82003M Datasheet
474Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber
N82003MT TRIPPLITE-N82003MT Datasheet
514Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber
N82015M TRIPPLITE-N82015M Datasheet
475Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 15M (50-ft)
N820-15M TRIPPLITE-N820-15M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 15M (50-ft.)
N806-15M TRIPPLITE-N806-15M Datasheet
164Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 15M (50-ft.)
N816-15M TRIPPLITE-N816-15M Datasheet
157Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 15M (50-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com