Electronic Components Datasheet Search
  English  ▼

X  

IRLML5103 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML5103
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103 Datasheet(HTML) 1 Page - International Rectifier

  IRLML5103 Datasheet HTML 1Page - International Rectifier IRLML5103 Datasheet HTML 2Page - International Rectifier IRLML5103 Datasheet HTML 3Page - International Rectifier IRLML5103 Datasheet HTML 4Page - International Rectifier IRLML5103 Datasheet HTML 5Page - International Rectifier IRLML5103 Datasheet HTML 6Page - International Rectifier IRLML5103 Datasheet HTML 7Page - International Rectifier IRLML5103 Datasheet HTML 8Page - International Rectifier IRLML5103 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PD - 91260E
HEXFET® Power MOSFET
VDSS = -30V
RDS(on) = 0.60Ω
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
A customized leadframe has been incorporated into the
standard SOT-23 package to produce a HEXFET Power
MOSFET with the industry's smallest footprint. This
package, dubbed the Micro3, is ideal for applications
where printed circuit board space is at a premium. The low
profile (<1.1mm) of the Micro3 allows it to fit easily into
extremely thin application environments such as portable
electronics and PCMCIA cards.
IRLML5103
04/29/03
Description
l
Generation V Technology
l
Ultra Low On-Resistance
l
P-Channel MOSFET
l
SOT-23 Footprint
l
Low Profile (<1.1mm)
l
Available in Tape and Reel
l
Fast Switching
S
D
G
Micro3
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-0.76
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-0.61
A
IDM
Pulsed Drain Current 
-4.8
PD@TA = 25°C
Power Dissipation
540
mW
Linear Derating Factor
4.3
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
230
Thermal Resistance
°C/W


Similar Part No. - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103 IRF-IRLML5103 Datasheet
81Kb / 8P
HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML5103 HOTTECH-IRLML5103 Datasheet
550Kb / 4P
Power MOSFET
logo
Guangdong Youtai Semico...
IRLML5103 UMW-IRLML5103 Datasheet
428Kb / 6P
Generation VTechnology
logo
EVER SEMICONDUCTOR CO.,...
IRLML5103 EVVOSEMI-IRLML5103 Datasheet
388Kb / 6P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML5103GPBF IRF-IRLML5103GPBF Datasheet
242Kb / 8P
HEXFET POWER MOSFET
More results

Similar Description - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com