Electronic Components Datasheet Search
  English  ▼

X  

IRSF3010 Datasheet(PDF) 3 Page - International Rectifier

Part # IRSF3010
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3010 Datasheet(HTML) 3 Page - International Rectifier

  IRSF3010 Datasheet HTML 1Page - International Rectifier IRSF3010 Datasheet HTML 2Page - International Rectifier IRSF3010 Datasheet HTML 3Page - International Rectifier IRSF3010 Datasheet HTML 4Page - International Rectifier IRSF3010 Datasheet HTML 5Page - International Rectifier IRSF3010 Datasheet HTML 6Page - International Rectifier IRSF3010 Datasheet HTML 7Page - International Rectifier IRSF3010 Datasheet HTML 8Page - International Rectifier IRSF3010 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRSF3010
3
Notes:
1. EAS is tested with a constant current source of 11A applied for 700µS with Vin = OV and starting Tj = 25
oC.
2. Input current must be limited to less than 5mA with a 1k
Ω resistor in series with the input when the Body-Drain Diode
is forward biased.
Symbol
Parameter Definition
Min.
Typ.
Max. Units
Test Conditions
Vds,clamp Temperature Coefficient of Drain to Source
Clamp Voltage
—
18.2
—
Vth
Temperature Coefficient of Input Threshold
Voltage
—
-3.2
—
Vin,clamp Temperature Coefficient of Input Clamp
Voltage
—
7.0
—
Ids(sd)
Temperature Coefficient of Over-Current
Shutdown Threshold
—
-21.5
—
mA/oC
Ids = 10mA
Vds = 5V, Ids = 1mA
Iin = 10mA
Vin = 5V
mV/oC
Temperature Coefficients of Electrical Characteristics:
(Please see Figures 3 through 14 for more data on thermal characteristics of other electrical parameters.
Symbol
Parameter Definition
Min.
Typ. Max. Units
Test Conditions
tdon
Turn-On Delay time
—
425
650
Vin = 5V
—
150
—
Vin = 10V
tr
Rise Time
—
2000
4000
Vin = 5V
—
425
—
Vin = 10V
tdoff
Turn-Off Delay time
—
650
1000
Vin = 5V
—
850
—
Vin = 10V
tf
Fall Time
—
500
800
Vin = 5V
—
450
—
Vin = 10V
Switching Electrical Characteristics:
(Vcc = 14V, Resistive Load RL = 5Ω, Tc = 25 °C.) Please refer to Figure 15 for switching time definitions.
nS
Symbol
Parameter Definition
Min. Typ. Max. Units
Test Conditions
Ids(sd)
Over-Current Shutdown Threshold
11
14
17
A
Vin = 5V
Tj(sd)
Over Temperature Shutdown Threshold
155
165
—
°C
Vin = 5V, Ids = 2A
Vprotect
Minimum Input Voltage for Over-temp fxn.
—
3
—
V
tIresp
Over Current Response Time
—
2
—
See figure 16 for definition
tIblank
Over Current Blanking Time
—
3
—
See figure 16 for definition
Ipeak
Peak Short Circuit Current
—
20
—
A
See figure 16 for definition
Vreset
Protection Reset Voltage
—
1.3
—
V
treset
Protection Reset Time
—
7
—
See figure 17 for definition
tTresp
OverTemperature Response Time
—
12
—
See figure 18 for definition
µS
µS
Protection Characteristics:
(Tc = 25 °C unless otherwise specified.)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com