Electronic Components Datasheet Search
  English  ▼

X  

IRSF3011 Datasheet(PDF) 3 Page - International Rectifier

Part # IRSF3011
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3011 Datasheet(HTML) 3 Page - International Rectifier

  IRSF3011 Datasheet HTML 1Page - International Rectifier IRSF3011 Datasheet HTML 2Page - International Rectifier IRSF3011 Datasheet HTML 3Page - International Rectifier IRSF3011 Datasheet HTML 4Page - International Rectifier IRSF3011 Datasheet HTML 5Page - International Rectifier IRSF3011 Datasheet HTML 6Page - International Rectifier IRSF3011 Datasheet HTML 7Page - International Rectifier IRSF3011 Datasheet HTML 8Page - International Rectifier IRSF3011 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRSF3011
3
Notes:
x When mounted on a 1" square PCB (FR-4 or G10 material). For recommended footprint and soldering techniques, refer
to International Rectifier Application Note AN-994.
y E
AS is tested with a constant current source of 6A applied for 700µS with Vin = 0V and starting Tj = 25°C.
z Input current must be limited to less than 5mA with a 1k
Ω resistor in series with the input when the Body-Drain Diode
is forward biased.
Minimum Typical Maximum Units Test Conditions
Vds,clamp Drain-to-Source Clamp Voltage T.C.
—
18.2
—
Ids = 10mA
Vth
Input Threshold Voltage T.C.
—
-2.7
—
mV/°C Vds = 5V, Ids = 10mA
Vin,clamp
Input Clamp Voltage T.C.
—
7.0
—
Iin = 10mA
Ids(sd)
Over-Current Shutdown Threshold T.C.
—
-9.8
—
mA/°C Vin = 5V
Temperature Coefficients of Electrical Characteristics
(Please see Figures 3 through 14 for more data on thermal characteristics of other electrical parameters.
Minimum Typical Maximum Units Test Conditions
Ids(sd)
Over-Current Shutdown Threshold
5
7
10
A
Vin = 5V
Tj(sd)
Over Temperature Shutdown Threshold
155
165
—
°C
Vin = 5V, Ids = 2A
Vprotect
Min. Input Voltage for Over-temp function
—
3
—
V
tIresp
Over Current Response Time
—
4
—
µS
SeeFigure16fordefinition
tIblank
Over Current Blanking Time
—
4
—
SeeFigure16fordefinition
Ipeak
Peak Short Circuit Current
—
16
—
A
SeeFigure16fordefinition
Vreset
Protection Reset Voltage
—
1.3
—
V
treset
Protection Reset Time
—
8
—
µS
SeeFigure17fordefinition
tTresp
Over-Temperature Response Time
—
12
—
SeeFigure18fordefinition
Protection Characteristics
(TC= 25 °C unless otherwise specified.)
Switching ElectricalCharacteristics
(VCC = 14V, Resistive Load (RL) = 5Ω, TC= 25°C.) Please refer to Figure 15 for switching time definitions.
Minimum Typical Maximum Units Test Conditions
tdon
Turn-On Delay Time
—
160
250
Vin = 5V
—90—
Vin = 10V
tr
Rise Time
—
650
1200
Vin = 5V
—
250
—
nS
Vin = 10V
tdoff
Turn-Off Delay Time
—
250
350
Vin = 5V
—
300
—
Vin = 10V
tf
Fall Time
—
180
350
Vin = 5V
—
170
—
Vin = 10V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com