Electronic Components Datasheet Search
  English  ▼

X  

UPD17073 Datasheet(PDF) 13 Page - NEC

Part # UPD17073
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17073 Datasheet(HTML) 13 Page - NEC

Back Button UPD17073 Datasheet HTML 9Page - NEC UPD17073 Datasheet HTML 10Page - NEC UPD17073 Datasheet HTML 11Page - NEC UPD17073 Datasheet HTML 12Page - NEC UPD17073 Datasheet HTML 13Page - NEC UPD17073 Datasheet HTML 14Page - NEC UPD17073 Datasheet HTML 15Page - NEC UPD17073 Datasheet HTML 16Page - NEC UPD17073 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
13
µPD17072,17073
Pin No.
Symbol
Function
Output format
At power-ON
QFP
TQFP
reset
23
26
VDD
Positive power supply.
—
—
27
Supply 1.8 to 3.6 V (TA = –20 to +70
°C) to operate
all functions.
Do not apply voltage higher than that of VDD pin to
any pin other than VDD.
24
28
XOUT
Pins for connecting crystal resonator for system
CMOS push-pull
—
25
29
XIN
clock oscillation.
—
26
30
REG1
Output of voltage regulator for oscillation circuit.
—
—
Connect this pin to GND via 0.1-
µF capacitor.
27
31
REGLCD0
• REGLCD1, REGLCD0—
—
28
32
CAPLCD0
LCD drive power pins.
29
33
CAPLCD1
• CAPLCD1, CAPLCD0
30
34
REGLCD1
Connect capacitors for doubler circuit to generate
LCD drive voltage, across these pins.
To configure doubler circuit, connect capacitors
as shown below.
Caution The value of the LCD drive voltage differs
if the values of C1, C2, and C3 are changed
because of the configuration of the doubler
circuit.
REG1
0.1 F
µ
REGLCD1
CAPLCD1
CAPLCD0
REGLCD0
C3
C1
C2
C1 = C2 = 0.1 F
C3 = 0.01 F
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com