Electronic Components Datasheet Search
  English  ▼

X  

UPD17145 Datasheet(PDF) 49 Page - NEC

Part # UPD17145
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17145 Datasheet(HTML) 49 Page - NEC

Back Button UPD17145 Datasheet HTML 45Page - NEC UPD17145 Datasheet HTML 46Page - NEC UPD17145 Datasheet HTML 47Page - NEC UPD17145 Datasheet HTML 48Page - NEC UPD17145 Datasheet HTML 49Page - NEC UPD17145 Datasheet HTML 50Page - NEC UPD17145 Datasheet HTML 51Page - NEC UPD17145 Datasheet HTML 52Page - NEC UPD17145 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
49
µPD17145(A1), 17147(A1), 17149(A1)
(2) Timing in single mode (compare operation)
Figure 14-4. Timing in Single Mode (Compare Operation)
After 1 has been written to ADCSTRT in the single mode (execution of the POKE instruction), a value is
stored to ADCCMP three instructions after, and the result of comparison can be read by the PEEK
instruction. Even if data is set to ADCR (execution of the PUT instruction), comparison is started in the same
manner as ADCSTRT, and the result of comparison can be read three instructions after.
The ADCCMP flag is cleared to 0 when reset is executed or when an instruction that writes data to ADCR
is executed.
Caution
Be sure to set ADCSOFT to 1 before setting a value to ADCR. When ADCSOFT = 0, no value
can be set to ADCR (the PUT ADCR, DBF instruction is invalidated).
Remark
Sampling time = 14/fx (1.75
µs, at 8 MHz)
Sampling capacitor capacitance = 100 pF (MAX.)
Sampling
Sampling
POKE
PEEK
PUT
PEEK
12
1
2
ADCSTRT
ADCEND
ADCCMP
ADCSTRT executed
→ Number of executed instructions (instruction cycle)
Previous data
Comparison result
Comparison result
ADCCMP read
ADCCMP read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com