Electronic Components Datasheet Search
  English  ▼

X  

IRU1010 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1010
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010 Datasheet(HTML) 2 Page - International Rectifier

  IRU1010 Datasheet HTML 1Page - International Rectifier IRU1010 Datasheet HTML 2Page - International Rectifier IRU1010 Datasheet HTML 3Page - International Rectifier IRU1010 Datasheet HTML 4Page - International Rectifier IRU1010 Datasheet HTML 5Page - International Rectifier IRU1010 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRU1010
2
Rev. 1.4
06/29/01
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ...................................... -65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
3-PIN PLASTIC SO-223 (Y)
2-PIN ULTRA THIN-PAK (P)
8-PIN PLASTIC SOIC (S)
θJA=70!C/W for 0.5" Sq pad
θJA=90!C/W for 0.4" Sq pad
θJA=70!C/W for 0.5" Sq pad
θJA=55!C/W for 1" Sq pad
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
Vref
Io=10mA, Tj=25!C, (Vin-Vo)=1.5V 1.238 1.250
1.262
V
Io=10mA, (Vin-Vo)=1.5V
1.225 1.250
1.275
Line Regulation
Io=10mA, 1.3V<(Vin-Vo)<7V
0.2
%
Load Regulation (Note 1)
Vin=3.3V, Vadj=0, 10mA<Io<1A
0.4
%
Dropout Voltage (Note 2)
∆Vo
Note 2 , Io=1A
1.1
1.3
V
Current Limit
Vin=3.3V, dVo=100mV
1.1
A
Minimum Load Current
Vin=3.3V, Vadj=0V
5
10
mA
(Note 3)
Thermal Regulation
30ms Pulse, Vin-Vo=3V, Io=1A
0.01
0.02
%/W
Ripple Rejection
f=120Hz, Co=25µF Tantalum,
Io=0.5A, Vin-Vo=3V
60
70
dB
Adjust Pin Current
Iadj
Io=10mA, Vin-Vo=1.5V, Tj=25!C,
Io=10mA, Vin-Vo=1.5V
55
120
µA
Adjust Pin Current Change
Io=10mA, Vin-Vo=1.5V, Tj=25!C
0.2
5
µA
Temperature Stability
Vin=3.3V, Vadj=0V, Io=10mA
0.5
%
Long Term Stability
Tj=125!C, 1000Hrs
0.3
1
%
RMS Output Noise
Tj=25!C, 10Hz<f<10KHz
0.003
%Vo
Vout
Adj
NC
NC
Vin
Vout
Vout
Vout
4
3
2
1
5
6
7
8
TOP VIEW
Adj
Vout
Vin
Tab is
Vout
3
1
2
TOP VIEW
Adj
Tab is
Vout
Vin
1
3
FRONT VIEW
Tab is
Vout
Adj
Vin
FRONT VIEW
1
3
Unless otherwise specified, these specifications apply over Cin=1µF, Cout=10µF, and Tj=0 to 150!C.
Typical values refer to Tj=25!C.
ELECTRICAL SPECIFICATIONS
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between Vin and Vout required to main-
tain regulation at Vout. It is measured when the output
voltage drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically, the resistor
dividers are selected such that it automatically main-
tains this current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com