Electronic Components Datasheet Search
  English  ▼

X  

AN2025 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2025
Description  Converter Improvement Using
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2025 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2025 Datasheet HTML 2Page - STMicroelectronics AN2025 Datasheet HTML 3Page - STMicroelectronics AN2025 Datasheet HTML 4Page - STMicroelectronics AN2025 Datasheet HTML 5Page - STMicroelectronics AN2025 Datasheet HTML 6Page - STMicroelectronics AN2025 Datasheet HTML 7Page - STMicroelectronics AN2025 Datasheet HTML 8Page - STMicroelectronics AN2025 Datasheet HTML 9Page - STMicroelectronics AN2025 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AN2025 - APPLICATION NOTE
6/11
IV. Estimation of the average avalanche power losses
The accurate method given below allows the maximum average avalanche power to be determined, and
it can be used to optimize the choice of the diode in order to improve the converter's efficiency. The equiv-
alent circuit during the time the diode works in the avalanche is simulated. From this simulation, the real
avalanche current as well as the pulse duration can be found from which an estimation of the maximum
avalanche energy can be made. The simulation is performed using the Pspice software. The 2 steps that
comprise this method are explained using an adaptor for Notebook as a concrete example (see figure 10).
First step: Measurement
This first step consist of measuring 3 waveforms:
⇒ the total current i
T (taking into account the
delay time in order to have IPEAK at VD = -VS)
⇒ the voltage across the diode V
D
⇒ the voltage across the snubber capacitor V
CS
Figure 11 shows typical waveforms corresponding
to the example.
The maximum avalanche energy in the diode corresponds to a diode with a minimum clamping voltage
VClamp_min. As this value is not given in the data sheet, one can consider that the minimum clamping volt-
age will be equal to VRRM. The figure 11 gives the initial conditions when the voltage across the diode is
equal to VClamp_min, that is to say VRRM.
At vD = VRRM:iT = iTO = 4.2A
VCS = VCO = 14V
Figure 11: Waveforms when the diode turns off
V
= 14V
C0
VCS
vD
VS
-VClamp_min = - VRRM
-VSPIKE
i with
delay time
T
IT0 = 4.2A
IPEAK
i without
delay time
T
0V
0A
20V/div
1A/div
10ns/div
RS
vD
iT
VCS
VOUT
0 scope
CS
LF
V = m.V
S
IN
Figure 10: 70W Adaptor for Notebook, using a
STPS16H100CT in the avalanche
RS
VS
VIN
STPS16H100CT
nP
nS
vD
I= 4A
OUT
V
= 18V
OUT
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com