Electronic Components Datasheet Search
  English  ▼

X  

UPD17149 Datasheet(PDF) 1 Page - NEC

Part # UPD17149
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17149 Datasheet(HTML) 1 Page - NEC

  UPD17149 Datasheet HTML 1Page - NEC UPD17149 Datasheet HTML 2Page - NEC UPD17149 Datasheet HTML 3Page - NEC UPD17149 Datasheet HTML 4Page - NEC UPD17149 Datasheet HTML 5Page - NEC UPD17149 Datasheet HTML 6Page - NEC UPD17149 Datasheet HTML 7Page - NEC UPD17149 Datasheet HTML 8Page - NEC UPD17149 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
Document No. U13233EJ1V1DS00 (1st edition)
(Previous No. IC-3580)
Date Published January 1998 N CP(K)
Printed in Japan
SMALL, GENERAL-PURPOSE
4-BIT SINGLE-CHIP MICROCONTROLLERS
µPD17145(A1), 17147(A1), 17149(A1)
The
µPD17145(A1), 17147(A1), and 17149(A1) are 4-bit single-chip microcontrollers integrating an 8-bit
A/D converter (4 channels), a timer function (3 channels), and a serial interface.
These microcontrollers employ a CPU of the general-purpose register type that can execute direct memory
operations and direct memory-to-memory data transfer for efficient programming. All the instructions consist
of 16 bits per word.
In addition, a one-time PROM version, the
µPD17P149, is also available for program evaluation.
The functions of these microcontrollers are described in detail in the following User’s Manual. Be sure
to read the following manual when designing your system:
µPD17145 Subseries User’s Manual: IEU-1383
FEATURES
•
17K architecture
: General-purpose register type
: Instruction length fixed to 16 bits
•
Program memory (ROM)
:
µPD17145(A1) : 2 KB (1024 × 16 bits)
:
µPD17147(A1) : 4 KB (2048 × 16 bits)
:
µPD17149(A1) : 8 KB (4096 × 16 bits)
•
Data memory (RAM)
: 110
× 4 bits
•
External interrupt
: 1 (INT pin, with sense input)
•
Instruction execution time
: 2
µs (at 8 MHz: ceramic oscillation)
•
8-bit A/D converter
: 4 channels, absolute accuracy:
±1.5 LSB MAX. (VDD = 4.0 to 5.5 V)
•
Timer
: 3 channels
•
Serial interface
: 1 channel (clocked 3-wire)
•
POC circuit (mask option)
•
Operating voltage
: VDD = 2.7 to 5.5 V (at 400 kHz to 2 MHz)
:VDD = 4.5 to 5.5 V (at 400 kHz to 8 MHz)
•
Operating temperature
: Ta = –40 to +110 ˚C
APPLICATIONS
Automotive electronics, etc.
Unless contextually excluded, references in this data sheet to the
µPD17149 (A1) mean the µPD17145
(A1) and
µPD17147 (A1).
©
1995
DATA SHEET


Similar Part No. - UPD17149

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17149 RENESAS-UPD17149 Datasheet
2Mb / 104P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD17149

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753204 NEC-UPD753204 Datasheet
577Kb / 80P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Sanyo Semicon Device
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
4-bit Single-chip Microcontrollers
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com