Electronic Components Datasheet Search
  English  ▼

X  

UM0541 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0541
Description  DCP monitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0541 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0541 Datasheet HTML 10Page - STMicroelectronics UM0541 Datasheet HTML 11Page - STMicroelectronics UM0541 Datasheet HTML 12Page - STMicroelectronics UM0541 Datasheet HTML 13Page - STMicroelectronics UM0541 Datasheet HTML 14Page - STMicroelectronics UM0541 Datasheet HTML 15Page - STMicroelectronics UM0541 Datasheet HTML 16Page - STMicroelectronics UM0541 Datasheet HTML 17Page - STMicroelectronics UM0541 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DCP-Application Programming Interface
UM0541
14/19
The following parameters, set by the compiler, are used to conditionally compile code for a
specific platform.
3.3.3
Command reference
Table 3.
Preprocessor definitions
Name
Description
WIN32
Includes this block of code if compiling for Windows.
__CC_ARM
Includes this block of code if compiling for ARM.
__ppc
Includes this block of code if compiling for PPC.
Table 4.
Command reference
CommandID
Value
Description
DCC_SYS0
0x80
System message
DCC_SYS1
0x81
System message 1
DCC_SYS2
0x82
System message 2
DCC_SYS3
0x83
System message 3
DCC_SYSNC_ACK
0x84
Synchronization acknowledgement
DCC_FACK
0x85
Frame successfully received
DCC_CRC_ERR
0x86
CRC Error
DCC_READ
0x87
Read memory location
DCC_WRITE
0x88
Write memory location
DCC_DATA
0x89
Data message
DCC_INFO
0xC2
User Frame 2
DCC_USR3
0xC3
User Frame 3
DCC_USR4
0xC4
User Frame 4
DCC_USR5
0xC5
User Frame 5
DCC_USR6
0xC6
User Frame 6
DCC_USR7
0xC7
User Frame 7
DCC_USR8
0xC8
User Frame 8
DCC_USR9
0xC9
User Frame 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com