Electronic Components Datasheet Search
  English  ▼

X  

UM0546 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0546
Description  Evaluation board for ABS valve drivers system
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0546 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0546 Datasheet HTML 3Page - STMicroelectronics UM0546 Datasheet HTML 4Page - STMicroelectronics UM0546 Datasheet HTML 5Page - STMicroelectronics UM0546 Datasheet HTML 6Page - STMicroelectronics UM0546 Datasheet HTML 7Page - STMicroelectronics UM0546 Datasheet HTML 8Page - STMicroelectronics UM0546 Datasheet HTML 9Page - STMicroelectronics UM0546 Datasheet HTML 10Page - STMicroelectronics UM0546 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UM0546
Evaluation board description
Doc ID 14680 Rev 2
7/18
2.1.2
L9352B quad low-side switch
The L9352B is an integrated quad low-side power switch to drive inductive loads like valves
used in ABS systems. Two of the four channels are current regulators with current range
from 0mA to 2.25 A. All channels are protected against fail functions.
They are monitored by a status output.
Figure 2.
L9347 block diagram
99AT0059
LOGIC
Overload
Open Load
GND-det.
Overtemperature
Channel 1
Overtemperature
Channel 4
LOGIC
&
DA
Overload
Open Load
GND-det.
IPD
IPD
LOGIC
Overload
Open Load
GND-det.
Overtemperature
Channel 2
Overtemperature
Channel 3
LOGIC
&
DA
Overload
Open Load
GND-det.
IPD
IPD
drift-det.
VS
VCC
VDD
Q1
D4
Q4
Q2
D3
Q3
GND
TEST
ST3
IN3
ST2
IN2
ST4
IN4
ST1
IN1
CLK
EN
Internal Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com