Electronic Components Datasheet Search
  English  ▼

X  

UM0715 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0715
Description  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 8Page - STMicroelectronics UM0715 Datasheet HTML 9Page - STMicroelectronics UM0715 Datasheet HTML 10Page - STMicroelectronics UM0715 Datasheet HTML 11Page - STMicroelectronics UM0715 Datasheet HTML 12Page - STMicroelectronics UM0715 Datasheet HTML 13Page - STMicroelectronics UM0715 Datasheet HTML 14Page - STMicroelectronics UM0715 Datasheet HTML 15Page - STMicroelectronics UM0715 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Basic command
UM0715
12/24
Doc ID 15798 Rev 2
SPIX
Sending a data buffer via SPI and receive the reply.
Parameter
EN_PRINT
(0 disable; 1 Enable) enable the print of the data on the monitor via PConsole application.
N_SPI
SPI number (0: SPI_B and 1: SPI_C ).
DATA
message data containing the data to be send. (the size of the data length must be equal to
number of bit N_BIT set on SPI_INIT).
CS_INIT
up to 4 Chip Select selectable:0,1,2,3.
CONT_EN
if 1 CS remains assert after data sending, 0 CS remain deassert.
Usage
SPIX EN_PRINT DATA N_SPI CS_INIT ACTIVE CONT_EN
20 SPII 1 8 5 1
30 SPIX 1 0 0XA5 1 0
CAN_INIT
Init the CAN driver with a specified baudrate in Kb/s.
Usage
CAN_INIT baudrate
10 CAN_INIT 500
CAN_TX
Send a buffer with a specified identifier via CAN.
Parameter
CAN_ID
CAN message identifier (max 11 bits).
BUFFER_LENGTH
message buffer length in byte (max 8 bytes).
BUFFER
message buffer containing the data to be send.
Usage
CAN_TX CAN_ID BUFFER_LENGTH BUFFER
10 LET id=0x10
20 LET length=0x8
30 DIM msg(8)=1,2,3,4,5,6,7,8
40 CAN_INIT 500
100 CAN_TX id length msg
Table 1.
Basic commands (continued)
Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com