Electronic Components Datasheet Search
  English  ▼

X  

UM1554 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1554
Description  This document describes the functioning
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1554 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1554 Datasheet HTML 18Page - STMicroelectronics UM1554 Datasheet HTML 19Page - STMicroelectronics UM1554 Datasheet HTML 20Page - STMicroelectronics UM1554 Datasheet HTML 21Page - STMicroelectronics UM1554 Datasheet HTML 22Page - STMicroelectronics UM1554 Datasheet HTML 23Page - STMicroelectronics UM1554 Datasheet HTML 24Page - STMicroelectronics UM1554 Datasheet HTML 25Page - STMicroelectronics UM1554 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
EEPROM log data structure
UM1554
22/34
Doc ID 023381 Rev 1
●
Total cumulative energy log
Two duplicate entries are stored. One at the start of EEPROM and another at the end
of EEPROM.
This is done to make sure that, if EEPROM is corrupted at one point, another entry with
the correct CRC is considered as a valid value.
7 bytes (4 bytes: kWh, 2 bytes: impulse count and 1 byte: CRC): total cumulative
energy entry.
●
Cumulative energy until last month
Cumulative energy until last month states energy consumed up to the last calendar
month reset.
6 bytes (4 bytes: kWh and 2 bytes: impulse count): cumulative energy entry up to last
month.
●
Monthly maximum demand
3 bytes (1 byte: integer value and 2 bytes: impulse count): MD value, 3 bytes (date) 3
bytes (time).
●
Current monthly cumulative energy
Current monthly cumulative energy states energy consumed in that particular current
month until the last calendar month reset.
6 bytes (4 bytes: kWh and 2 bytes: impulse count), current cumulative energy entry.
●
Monthly average PF
PF average value is the sum of PF readings and PF averaging count is the number of
PF readings. 4 bytes (PF average value) 2 bytes (PF averaging value).
●
Monthly tamper log
For the monthly tamper log, the following four types of tamper data are logged:
–
Earth tamper
–
Reverse tamper
–
Neutral missing tamper
–
Case tamper
For each type of tamper, there are 4 entries per month. So, for each type of tamper, the
storage per month is:
–
Tamper count: 1 byte
–
Four entries of date: 3 bytes x 4 : 12 bytes
–
Four entries of time: 3 bytes x 4 : 12 bytes.
Note:
For each tamper entry log, the tamper count: number of tampers in month D: date and T:
time is of 3 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com