Electronic Components Datasheet Search
  English  ▼

X  

VND5004B Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND5004B
Description  M0-5 solution for power management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004B Datasheet(HTML) 2 Page - STMicroelectronics

  VND5004B Datasheet HTML 1Page - STMicroelectronics VND5004B Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VND5004B block diagram
Parameter
Symbol
Value
Max on-state resistance (per channel)
R
on
4 mΩ
Current limitation (typ)
I
lim
100 A
Operating voltage range
V
cc
4.5 to 28 V
Maximum transient supply voltage
V
cc
41 V
Off-state supply current
I
s
2 µA
Features summary
Applications powered by the VND5004B
Package
Packing
Tube
Type and reel
Tray
PQFN – 12 x 12 power lead less
–
VND5004BTR-E
VND5004B-E
MultiPowerSO-30
VND5004BSP30-E
VND5004BSP30TR-E
–
Part number options
Output 1
Current
sense 1
Output 2
Current
sense 2
GND
Input 1
Input 2
CS_DIS
V
cc
clamp
Reverse
battery
protection
Under
voltage
Logic
Power limitation
Overtemperature
I
LIM
Overtemperature
Power clamp
I
LIM
Power clamp
Power limitation
V
cc
K
K
Driver
Driver
I
OUT1
CS_DIS
I
OUT2
CS_DIS
Order code: FLVND0907
© STMicroelectronics - January 2008 - Printed in Italy - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies. All other names are the property of their respective owners.
7771;
34054689;
Accordingtotheinnovativeprotectionstrategy
introducedinVIPower™M0-5technology,theVND5004B
isequippedwithpowerlimitationcontrolremovingthe
thermalfatigue,maincauseofsilicondegradation.
Moreover,underreversebatteryconditionthedevice
isprotectedbyPowerMOSreactivation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com