Electronic Components Datasheet Search
  English  ▼

X  

2N6788 Datasheet(PDF) 1 Page - International Rectifier

Part # 2N6788
Description  POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2N6788 Datasheet(HTML) 1 Page - International Rectifier

  2N6788 Datasheet HTML 1Page - International Rectifier 2N6788 Datasheet HTML 2Page - International Rectifier 2N6788 Datasheet HTML 3Page - International Rectifier 2N6788 Datasheet HTML 4Page - International Rectifier 2N6788 Datasheet HTML 5Page - International Rectifier 2N6788 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
JANTX2N6788
JANTXV2N6788
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
N-CHANNEL
Provisional Data Sheet No. PD-9.426B
100 Volt, 0.30
Ω
Ω
Ω
Ω
Ω HEXFET
HEXFET technology is the key to International
Rectifier’s advanced line of power MOSFET transis-
tors. The efficient geometry achieves very low on-
state resistance combined with high transconductance.
HEXFET transistors also feature all of the well-es-
tablish advantages of MOSFETs, such as voltage
control, very fast switching, ease of paralleling and
electrical parameter temperature stability. They are
well-suited for applications such as switching power
supplies, motor controls, inverters, choppers, audio
amplifiers, and high energy pulse circuits, and virtu-
ally any application where high reliability is required.
JANTX2N6788
JANTXV2N6788
[REF:MIL-PRF-19500/555]
[GENERIC:IRFF120]
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
JANTX2N6788, JANTXV2N6788
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
6.0
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
3.5
IDM
Pulsed Drain Current Œ
24
PD @ TC = 25°C
Max. Power Dissipation
20
W
Linear Derating Factor
0.16
W/K 
VGS
Gate-to-Source Voltage
±20
V
dv/dt
Peak Diode Recovery dv/dt Ž
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
StorageTemperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from
case for 10.5 seconds)
Weight
0.98 (typical)
g
oC
A
6.0A
0.30
Ω
100V
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 2N6788

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6788 SEME-LAB-2N6788 Datasheet
24Kb / 2P
N-CHANNEL POWER MOSFET ENHANCEMENT MODE
logo
Microsemi Corporation
2N6788 MICROSEMI-2N6788 Datasheet
195Kb / 4P
N-CHANNEL MOSFET
logo
New Jersey Semi-Conduct...
2N6788 NJSEMI-2N6788 Datasheet
164Kb / 1P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
2N6788L SEME-LAB-2N6788L Datasheet
16Kb / 1P
N-Channel MOSFET
2N6788LCC4 SEME-LAB-2N6788LCC4 Datasheet
31Kb / 2P
N-CHANNEL POWER MOSFET ENHANCEMENT MODE
More results

Similar Description - 2N6788

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRFY130CM IRF-IRFY130CM Datasheet
338Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14.4A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
JANTX2N6804 IRF-JANTX2N6804 Datasheet
237Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6849 IRF-JANTX2N6849 Datasheet
133Kb / 7P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com