Electronic Components Datasheet Search
  English  ▼

X  

ABS2 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ABS2
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ABS2 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ABS2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ABS2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
B
4.30
4.50
0.169
0.177
C
6.25
6.65
0.246
0.262
D
0.60
0.70
0.024
0.028
E
3.90
4.10
0.154
0.161
F
4.90
5.10
0.193
0.200
G
1.40
1.60
0.055
0.063
H
1.35
1.45
0.053
0.057
I
0.05
0.15
0.002
0.006
J
0.30
0.70
0.012
0.028
K
0.15
0.25
0.006
0.010
P/N
= Specific Device Code
YW
= Date Code
F
= Factory Code
Document Number: DS_D1410049
Version: K14
5.72
2.05
Unit (mm)
Unit (inch)
7.22
E
B0.9
Unit (inch)
0.166
MARKING DIAGRAM
ABS2 thru ABS10
Taiwan Semiconductor
C4.22
D
PACKAGE OUTLINE DIMENSIONS
DIM.
0.035
F
ABS
0.284
0.081
0.225
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A
1.5
0.059
10
100
1000
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com