Electronic Components Datasheet Search
  English  ▼

X  

ABS4 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ABS4
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ABS4 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ABS4 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ABS4 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ABS4 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ABS4 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
(TA=25℃ unless otherwise noted)
Document Number: DS_D1410049
Version: K14
RATINGS AND CHARACTERISTICS CURVES
ABS2 thru ABS10
Taiwan Semiconductor
Note 1: "xx" defines voltage from 200V (ABS2) to 1000V (ABS10)
EXAMPLE
PREFERRED P/N
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
ABSxx
(Note 1)
RE
ABS
ABS8 REG
ABS8
RE
AEC-Q101 qualified
Green compound
G
5,000 / 13" Paper reel
G
ABS
1,000 / 7" Plastic reel
RG
0
0.2
0.4
0.6
0.8
1
1.2
0
306090
120
150
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=100℃
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com