Electronic Components Datasheet Search
  English  ▼

X  

PIC10F202 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC10F202 Datasheet HTML 55Page - Microchip Technology PIC10F202 Datasheet HTML 56Page - Microchip Technology PIC10F202 Datasheet HTML 57Page - Microchip Technology PIC10F202 Datasheet HTML 58Page - Microchip Technology PIC10F202 Datasheet HTML 59Page - Microchip Technology PIC10F202 Datasheet HTML 60Page - Microchip Technology PIC10F202 Datasheet HTML 61Page - Microchip Technology PIC10F202 Datasheet HTML 62Page - Microchip Technology PIC10F202 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
 2004-2014 Microchip Technology Inc.
DS40001239F-page 59
PIC10F200/202/204/206
12.1
DC Characteristics: PIC10F200/202/204/206 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40°C
 TA  +85°C (industrial)
Param.
No.
Sym.
Characteristic
Min. Typ.(1) Max. Units
Conditions
D001
VDD
Supply Voltage
2.0
5.5
V
See Figure 12-1
D002
VDR
RAM Data Retention Voltage(2)
1.5*
—
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage
to ensure Power-on Reset
—Vss
—
V
D004
SVDD
VDD Rise Rate
to ensure Power-on Reset
0.05*
—
—
V/ms
IDD
Supply Current(3)
D010
—
—
175
0.63
275
1.1
A
mA
VDD = 2.0V
VDD = 5.0V
IPD
Power-down Current(4)
D020
—
—
0.1
0.35
1.2
2.4
A
A
VDD = 2.0V
VDD = 5.0V
IWDT
WDT Current(5)
D022
—
—
1.0
7
3
16
A
A
VDD = 2.0V
VDD = 5.0V
ICMP
Comparator Current(5)
D023
—
—
12
44
23
80
A
A
VDD = 2.0V
VDD = 5.0V
IVREF
Internal Reference Current(5,6)
D024
—
85
175
115
195
A
A
VDD = 2.0V
VDD = 5.0V
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ.”) column is based on characterization results at 25
C. This data is for design
guidance only and is not tested.
2:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, bus rate, internal code execution pattern and temperature also have an impact on the current
consumption.
a) The test conditions for all IDD measurements in active operation mode are:
All I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that the device is in Sleep
mode.
4:
Power-down current is measured with the part in Sleep mode, with all I/O pins in high-impedance state
and tied to VDD or VSS.
5:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled.
6:
Measured with the comparator enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com