Electronic Components Datasheet Search
  English  ▼

X  

10F202 Datasheet(PDF) 43 Page - Microchip Technology

Part # 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Datasheet(HTML) 43 Page - Microchip Technology

Back Button 10F202 Datasheet HTML 39Page - Microchip Technology 10F202 Datasheet HTML 40Page - Microchip Technology 10F202 Datasheet HTML 41Page - Microchip Technology 10F202 Datasheet HTML 42Page - Microchip Technology 10F202 Datasheet HTML 43Page - Microchip Technology 10F202 Datasheet HTML 44Page - Microchip Technology 10F202 Datasheet HTML 45Page - Microchip Technology 10F202 Datasheet HTML 46Page - Microchip Technology 10F202 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
 2004-2014 Microchip Technology Inc.
DS40001239F-page 43
PIC10F200/202/204/206
FIGURE 9-9:
BROWN-OUT
PROTECTION CIRCUIT 3
9.9
Power-down Mode (Sleep)
A device may be powered-down (Sleep) and later
powered-up (wake-up from Sleep).
9.9.1
SLEEP
The Power-down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low or high-impedance).
For lowest current consumption while powered-down,
the T0CKI input should be at VDD or VSS and the GP3/
MCLR/VPP pin must be at a logic high level if MCLR is
enabled.
9.9.2
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of
the following events:
1.
An external Reset input on GP3/MCLR/VPP pin,
when configured as MCLR.
2.
A Watchdog Timer time-out Reset (if WDT was
enabled).
3.
A change on input pin GP0, GP1 or GP3 when
wake-up on change is enabled.
4.
A comparator output change has occurred when
wake-up on comparator change is enabled.
These events cause a device Reset. The TO, PD
GPWUF and CWUF bits can be used to determine the
cause of device Reset. The TO bit is cleared if a WDT
time-out occurred (and caused wake-up). The PD bit,
which is set on power-up, is cleared when SLEEP is
invoked. The GPWUF bit indicates a change in state
while in Sleep at pins GP0, GP1 or GP3 (since the last
file or bit operation on GP port). The CWUF bit
indicates a change in the state while in Sleep of the
comparator output.
Note:
A Reset generated by a WDT time-out
does not drive the MCLR pin low.
Note:
This brown-out protection circuit employs
Microchip
Technology’s
MCP809
microcontroller
supervisor.
There
are
seven different trip point selections to
accommodate 5V to 3V systems.
MCLR
PIC10F20X
VDD
VDD
VSS
RST
MCP809
VDD
Bypass
Capacitor
Caution: Right before entering Sleep, read the
input pins. When in Sleep, wake-up
occurs when the values at the pins
change from the state they were in at the
last reading. If a wake-up on change
occurs and the pins are not read before
re-entering Sleep, a wake-up will occur
immediately even if no pins change
while in Sleep mode.
Note:
The WDT is cleared when the device
wakes from Sleep, regardless of the
wake-up source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com