Electronic Components Datasheet Search
  English  ▼

X  

AN2466 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2466
Description  STMPE801 - Hardware Interface guide
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2466 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2466 Datasheet HTML 2Page - STMicroelectronics AN2466 Datasheet HTML 3Page - STMicroelectronics AN2466 Datasheet HTML 4Page - STMicroelectronics AN2466 Datasheet HTML 5Page - STMicroelectronics AN2466 Datasheet HTML 6Page - STMicroelectronics AN2466 Datasheet HTML 7Page - STMicroelectronics AN2466 Datasheet HTML 8Page - STMicroelectronics AN2466 Datasheet HTML 9Page - STMicroelectronics AN2466 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Pin description of STMPE801
AN2466
6/13
Figure 3.
STMPE801 Slave address selection
The I2C Read/
is done byte by byte. The R/
bit is added as the LSB to the 7-bit
slave address to make up one byte to be sent through the I2C interface from the master.
Figure 4.
I2C Read/write transaction
Once the slave address is configured and responding correctly, the internal registers can be
accessed through I2C Interface.
The SCLK and SDATA are open drain pins and should be provided with a pull-up resistor to
VCC. The VCC can be selected based on the operating voltage of the I2C host, for example
as either 1.8 V or 3.3 V without any need for an intermediate level translator stage.
Table 2.
Valid I2C Slave address
ADDRESS
pin
7-bit Slave Address
8-bit format to be used
(including R/
bit in LSB)
0
41h (1000001b)
82h
1
44h (1000100b)
88h
STMPE801
ADDR0
SCLK
SDAT
SCLK
SDAT
GND
VCC
Write
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com