Electronic Components Datasheet Search
  English  ▼

X  

UPD17147CT Datasheet(PDF) 21 Page - NEC

Part # UPD17147CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147CT Datasheet(HTML) 21 Page - NEC

Back Button UPD17147CT Datasheet HTML 17Page - NEC UPD17147CT Datasheet HTML 18Page - NEC UPD17147CT Datasheet HTML 19Page - NEC UPD17147CT Datasheet HTML 20Page - NEC UPD17147CT Datasheet HTML 21Page - NEC UPD17147CT Datasheet HTML 22Page - NEC UPD17147CT Datasheet HTML 23Page - NEC UPD17147CT Datasheet HTML 24Page - NEC UPD17147CT Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
21
µPD17145(A1), 17147(A1), 17149(A1)
6. GENERAL REGISTER (GR)
As its name implies, the general register is used for general purposes such as data transfer and operation.
The general register of the 17K series is not a fixed area, but an area specified on the data memory by using
the general register pointer (RP). Therefore, a part of the data memory area can be specified as a general
register as necessary, so that data can be transferred between data memory areas and the data in the data
memory can be operated with a single instruction.
6.1 General Register Pointer (RP)
RP is a pointer that specifies part of the data memory as the general register. RP specifies the bank and
row addresses of a data memory area that is to be specified as the general register. Consisting of a total of
7 bits, RP is assigned to 7DH (RPH) and 7EH (RPL), and the higher 3 bits of the system register (refer to 7.
SYSTEM REGISTER (SYSREG)).
RPH specifies a bank, and RPL specifies a data memory row address.
Figure 6-1. Configuration of General Register Pointer
BANK0
RP
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
1
2
3
4
5
6
7
7DH
7EH
RPH
RPL
b3 b2 b1 b0 b3 b2 b1 b0
0000
D
0000000
C
B
0
Row addresses
0H to 7H can be
specified by
general register
pointer (RP).
Row
address
Column address
System register
General register
area when
RPH = 0000B,
RPL = 010
×B
Address
Name
Symbol
Bit
Data
Reset
General register
pointer (RP)
General register (16 nibbles)
General register (16 nibbles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com