Electronic Components Datasheet Search
  English  ▼

X  

UPD17207GF Datasheet(PDF) 45 Page - NEC

Part # UPD17207GF
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTERS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17207GF Datasheet(HTML) 45 Page - NEC

Back Button UPD17207GF Datasheet HTML 41Page - NEC UPD17207GF Datasheet HTML 42Page - NEC UPD17207GF Datasheet HTML 43Page - NEC UPD17207GF Datasheet HTML 44Page - NEC UPD17207GF Datasheet HTML 45Page - NEC UPD17207GF Datasheet HTML 46Page - NEC UPD17207GF Datasheet HTML 47Page - NEC UPD17207GF Datasheet HTML 48Page - NEC UPD17207GF Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
µPD17201A, 17207
45
8.3
WATCHDOG TIMER OPERATION TIMING
Unless the watchdog timer is reset in a fixed time, the WDOUT pin outputs a low level. By connecting the WDOUT
pin to the RESET pin, a program hang-up can be detected by the watchdog timer.
To reset the watchdog timer, set WDTRES (WDTRES = 1).
To disable hang-up detection by the watchdog timer when the subclock is used, program so that WDTRES is set
at intervals of approximately 340 ms or less.
Cautions 1. The watchdog timer cannot be reset in the shaded range in Fig. 8-3. Therefore, set the
watchdog timer before both the fW/2
13 and fW/214 signals go high.
2. For further information on the WDOUT pin, also refer to 14. RESET.
Fig. 8-3
Watchdog Timer Operation Timing
Remark
Figures in the parentheses indicate the value when using the subclock.
fw/2
11 (16Hz)
fw/2
12 (8Hz)
fw/2
13 (4Hz)
fw/2
14 (2Hz)
INTWTM (at 4Hz)
INTWTM (at 16Hz)
WDOUT
Watchdog timer
reset signal
WDTRES
Setting WDTRES is invalid
during this period
WDOUT output goes low if WDTRES is not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com