Electronic Components Datasheet Search
  English  ▼

X  

PVA30 Datasheet(PDF) 1 Page - International Rectifier

Part # PVA30
Description  Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA30 Datasheet(HTML) 1 Page - International Rectifier

  PVA30 Datasheet HTML 1Page - International Rectifier PVA30 Datasheet HTML 2Page - International Rectifier PVA30 Datasheet HTML 3Page - International Rectifier PVA30 Datasheet HTML 4Page - International Rectifier PVA30 Datasheet HTML 5Page - International Rectifier PVA30 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PD 1.030D
Series PVA30
Microelectronic
Power IC Relay
Single-Pole, 40mA, 0-300V AC/DC
BOSFET® Photovoltaic Relay
General Description
The Photovoltaic AC Relay (PVA) is a single-pole, nor-
mally open solid state replacement for electro-mechanical
relays used for general purpose switching of analog sig-
nals. It utilizes as an output switch a unique bidirectional
(AC or DC) MOSFET power IC termed a BOSFET. The
BOSFET is controlled by a photovoltaic generator of novel
construction, which is energized by radiation from a di-
electrically isolated light emitting diode (LED).
The PVA30 series combines very low solid state output
capacitance, very high off-state resistance and very fast
response. These Photovoltaic Relays are designed specifi-
cally to accurately switch low-level signals in high-perfor-
mance instrumentation systems.
The PVA overcomes the limitations of both conventional
and reed electromechanical relays by offering the solid
state advantages of long life, high operating speed, low
pick-up power, bounce-free operation, low thermal volt-
ages and miniaturization. These advantages allow product
improvement and design innovations in many applications
such as process control, multiplexing, telecommunica-
tions, automatic test equipment and data acquisition.
The PVA30 series can switch analog signals from thermo-
couple level to 300 volts peak AC or DC polarity. Signal
frequencies into the RF range are easily controlled and
switching rates up to 25kHz are achievable.
The extremely small thermally generated offset voltages
allow increased measurement accuracies. The critical out-
put semiconductors are completely shielded from the in-
fra-red radiation of the input LED. Therefore, photocurrents
in the output BOSFET are nonexistent and there is not an
output offset resulting from radiation from the input LED
drive.
Unique silicon technology developed by International Rec-
tifier forms the heart of the PVA. The monolithic BOSFET
contains a bidirectional N-channel power MOSFET output
structure. In addition, this power IC chip has input circuitry
for fast turn-off and gate protection functions. This section
of the BOSFET chip utilizes both bipolar and MOS tech-
nology to form NPN transistors, P-channel MOSFETs, re-
sistors, diodes and capacitors.
The photovoltaic generator similarly utilizes a unique Inter-
national Rectifier alloyed multijunction structure. The ex-
cellent current conversion efficiency of this technique re-
sults in the very fast response of the PVA microelectronic
power IC relay.
This advanced semiconductor technology has created a
radically new control device. Designers can now develop
switching systems to new standards of electrical perfor-
mance and mechanical compactness.
PVA30 Features
BOSFET Power IC s
s
s
s
s
1010 Operations s
s
s
s
s
25µsec Operating Time s
s
s
s
s
Low Output Capacitance s
s
s
s
s
0.2µVolt Thermal Offset s
s
s
s
s
Offset Independent of Input Drive s
s
s
s
s
3 milliwatts Pick-Up Power s
s
s
s
s
1000V/µsec dv/dt s
s
s
s
s
Bounce-Free s
s
s
s
s
8-pin DIP Package s
s
s
s
s
-40°C to 85°C s
s
s
s
s
UL recognized s
s
s
s
s
(BOSFET is a trademark of International Rectifier)
Part Identification
Part Number
Operating
Sensitivity
Off-State
Voltage (AC/DC)
Resistance
PVA3054
1010 Ohms
0 – 300V
5 mA
PVA3055
1011 Ohms
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVA30

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PVA300N6 BANNER-PVA300N6 Datasheet
525Kb / 8P
PVA Pick-to-Light Array
PVA300N6E BANNER-PVA300N6E Datasheet
525Kb / 8P
PVA Pick-to-Light Array
PVA300N6R BANNER-PVA300N6R Datasheet
525Kb / 8P
PVA Pick-to-Light Array
PVA300P6 BANNER-PVA300P6 Datasheet
525Kb / 8P
PVA Pick-to-Light Array
PVA300P6E BANNER-PVA300P6E Datasheet
525Kb / 8P
PVA Pick-to-Light Array
More results

Similar Description - PVA30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVA13 IRF-PVA13 Datasheet
91Kb / 6P
Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com