Electronic Components Datasheet Search
  English  ▼

X  

PVA33 Datasheet(PDF) 1 Page - International Rectifier

Part # PVA33
Description  Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA33 Datasheet(HTML) 1 Page - International Rectifier

  PVA33 Datasheet HTML 1Page - International Rectifier PVA33 Datasheet HTML 2Page - International Rectifier PVA33 Datasheet HTML 3Page - International Rectifier PVA33 Datasheet HTML 4Page - International Rectifier PVA33 Datasheet HTML 5Page - International Rectifier PVA33 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PD 1.021D
Series PVA33
Microelectronic
Power IC Relay
Single-Pole, 130mA, 0-300V AC/DC
BOSFET® Photovoltaic Relay
General Description
The Photovoltaic AC Relay (PVA) is a single-pole, nor-
mally open solid state replacement for electro-me-
chanical relays used for general purpose switching of
analog signals. It utilizes as an output switch a unique
bidirectional (AC or DC) MOSFET power IC termed a
BOSFET. The BOSFET is controlled by a photovoltaic
generator of novel construction, which is energized by
radiation from a dielectrically isolated light emitting di-
ode (LED).
The PVA overcomes the limitations of both conven-
tional and reed electromechanical relays by offering
the solid state advantages of long life, high operating
speed, low pick-up power, bounce-free operation, low
thermal voltages and miniaturization. These advan-
tages allow product improvement and design innova-
tions in many applications such as process control,
multiplexing, telecommunications, automatic test
equipment and data acquisition.
The PVA can switch analog signals from thermocouple
level to 300 volts peak AC or DC polarity. Signal fre-
quencies into the RF range are easily controlled and
switching rates up to 5kHz are achievable. The ex-
tremely small thermally generated offset voltages allow
increased measurement accuracies.
Unique silicon technology developed by International
Rectifier forms the heart of the PVA. The monolithic
BOSFET contains a bidirectional N-channel power
MOSFET output structure. In addition, this power IC
chip has input circuitry for fast turn-off and gate protec-
tion functions. This section of the BOSFET chip utilizes
both bipolar and MOS technology to form NPN transis-
tors, P-channel MOSFETs, resistors, diodes and ca-
pacitors.
The photovoltaic generator similarly utilizes a unique
International Rectifier alloyed multijunction structure.
The excellent current conversion efficiency of this tech-
nique results in the very fast response of the PVA mi-
croelectronic power IC relay.
This advanced semiconductor technology has created
a radically new control device. Designers can now de-
velop switching systems to new standards of electrical
performance and mechanical compactness.
PVA33 Features
BOSFET Power IC s
s
s
s
s
1010 Operations s
s
s
s
s
100µsec Operating Time s
s
s
s
s
0.2µVolt Thermal Offset s
s
s
s
s
3 milliwatts Pick-Up Power s
s
s
s
s
1000V/µsec dv/dt s
s
s
s
s
Bounce-Free s
s
s
s
s
8-pin DIP Package s
s
s
s
s
-40°C to 85°C s
s
s
s
s
UL recognized s
s
s
s
s
Part Identification
Part Number
Operating
Sensitivity
Off-State
Voltage (AC/DC)
Resistance
PVA2352
0 - 200V
5mA
108 Ohms
PVA3324
0 – 300V
2 mA
1010 Ohms
PVA3354
5mA
(BOSFET is a trademark of International Rectifier)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVA33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3324N IRF-PVA3324N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3324NPBF IRF-PVA3324NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3324NS IRF-PVA3324NS Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3324NSPBF IRF-PVA3324NSPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3354N IRF-PVA3354N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results

Similar Description - PVA33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVA13 IRF-PVA13 Datasheet
91Kb / 6P
Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com