Electronic Components Datasheet Search
  English  ▼

X  

AN4070 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 34Page - STMicroelectronics AN4070 Datasheet HTML 35Page - STMicroelectronics AN4070 Datasheet HTML 36Page - STMicroelectronics AN4070 Datasheet HTML 37Page - STMicroelectronics AN4070 Datasheet HTML 38Page - STMicroelectronics AN4070 Datasheet HTML 39Page - STMicroelectronics AN4070 Datasheet HTML 40Page - STMicroelectronics AN4070 Datasheet HTML 41Page - STMicroelectronics AN4070 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Experimental test results
AN4070
38/53
Doc ID 022934 Rev 1
and the DC-AC converter to be adjusted by acting on the duty cycle and modulating index
respectively. The duty cycle has been adjusted to obtain a DC bus voltage of 390 V and the
modulating index in order to get 230 V AC on the output for each test point. The efficiency
characterization of the DC-DC converter and of the system is shown in Figure 28 and 29
respectively. The peak system efficiency is about 94% and the CEC efficiency is 93.4%.
While Figure 27 shows the MIC output waveforms when operating in open loop mode,
Figure 30 shows the same waveforms when the system is operating at nominal power in
closed loop mode and grid connection. In these operating conditions the current THD is
2.8%. When operating in grid connection, the current THD is higher and equal to 4.8% at full
load while the power factor is equal to 0.92. Figure 30 shows the current and voltage
waveforms during grid connected operation. It is worth noting that the PLL signal (yellow
track) is synchronized with the peak of the grid voltage. Finally, Figure 31 and 32 show the
variation of output current THD and power factor across the operating profile of the system.
Figure 27.
DC-AC converter output voltage and current waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com