Electronic Components Datasheet Search
  English  ▼

X  

AN4315 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4315
Description  BAL-NRF02D3 matched balun with integrated harmonics filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4315 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4315 Datasheet HTML 1Page - STMicroelectronics AN4315 Datasheet HTML 2Page - STMicroelectronics AN4315 Datasheet HTML 3Page - STMicroelectronics AN4315 Datasheet HTML 4Page - STMicroelectronics AN4315 Datasheet HTML 5Page - STMicroelectronics AN4315 Datasheet HTML 6Page - STMicroelectronics AN4315 Datasheet HTML 7Page - STMicroelectronics AN4315 Datasheet HTML 8Page - STMicroelectronics AN4315 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2013
DocID024845 Rev 1
1/10
AN4315
Application note
BAL-NRF02D3 matched balun with integrated harmonics filter for
Nordic Semiconductor chips with ultralow power transceivers
Introduction
The nRF51422-CEAA and nRF51822-CEAA from Nordic Semiconductor are 2.45 GHz
combo chips with an ultralow power transceiver.
The BAL-NRF02D3 from STMicroelectronics is an ultraminiature balun for which the
matching impedance has been customized for the nRF51422-CEAA, and nRF51822-CEAA
Nordic Semiconductor circuits.
The BAL-NRF02D3 integrates matching network and harmonics filters. It uses
STMicroelectronics’ IPD technology on non-conductive glass substrate which optimizes RF
performance.
The BAL-NRF02D3 has been tested and approved by Nordic Semiconductor on the
PCA10018 nRFgo module.The BAL-NRF02D3 demonstrates a higher system performance
compared to traditional solutions. This document presents the test and performance results.
www.st.com


Similar Part No. - AN4315

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
Using ST6 analog inputs for multiple key decoding
19-Jun-2008
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
STMicroelectronics
AN4310 STMICROELECTRONICS-AN4310 Datasheet
181Kb / 8P
Sampling capacitor selection guide for MCU based touch sensing applications
11-Jun-2014
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
Guidelines for designing touch sensing applications with surface sensors
30-Sep-2013
More results

Similar Description - AN4315

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748411245 WURTH-748411245 Datasheet
165Kb / 4P
Chip-Balun WE-BAL
748412245 WURTH-748412245 Datasheet
186Kb / 4P
Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
Chip-Balun WE-BAL
748421551 WURTH-748421551 Datasheet
210Kb / 4P
Chip-Balun WE-BAL
748425245 WURTH-748425245 Datasheet
204Kb / 4P
Chip-Balun WE-BAL
logo
Johanson Technology Inc...
0434BM15B0027 JOHANSON-0434BM15B0027 Datasheet
607Kb / 6P
434MHz Impedance-Matched BalunFilter Integrated Passive Device
0850BM14E0016 JOHANSON-0850BM14E0016 Datasheet
520Kb / 5P
Sub-GHz Impedance Matched Balun LPF integrated Passive
0868BM15G0027 JOHANSON-0868BM15G0027 Datasheet
603Kb / 6P
868MHz Impedance-Matched BalunFilter Integrated Passive Device
0900PC15F0030 JOHANSON-0900PC15F0030 Datasheet
614Kb / 6P
862 - 928MHz Integrated Impedance-matched Balun Filter for Analog Devices, Inc
logo
Wurth Elektronik GmbH &...
748422245 WURTH-748422245 Datasheet
570Kb / 7P
WE-BAL Multilayer Chip Balun
002.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com