Electronic Components Datasheet Search
  English  ▼

X  

UD0018 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UD0018
Description  N-Ch 100V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD0018 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UD0018 Datasheet HTML 1Page - Unitpower Technology Limited UD0018 Datasheet HTML 2Page - Unitpower Technology Limited UD0018 Datasheet HTML 3Page - Unitpower Technology Limited UD0018 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UD0018
N-Ch 100V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
45
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
28
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
6.6
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V
1
5.3
A
IDM
Pulsed Drain Current
2
100
A
EAS
Single Pulse Avalanche Energy
3
98
mJ
IAS
Avalanche Current
41
A
PD@TC=25℃
Total Power Dissipation
4
90
W
PD@TA=70℃
Total Power Dissipation
4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
1.4
℃
/W
ID
100V
22mΩ
45A
The UD0018 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UD0018 meet the RoHS and Green
Product requirement , 100% EAS guaranteed with
full function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter
Networking DC-DC Power System
LED TV Back Light
Absolute Maximum Ratings
Thermal Data
TO252 Pin Configuration
Product Summery
BVDSS
RDS(ON)
BVDSS
RDS(ON)


Similar Part No. - UD0018

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UD0018 DOINGTER-UD0018 Datasheet
862Kb / 4P
N-Channel MOSFET uses advanced SGT technology
UD0018A DOINGTER-UD0018A Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - UD0018

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD0016 UNITPOWER-UD0016 Datasheet
728Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN0014 PACELEADER-PKN0014 Datasheet
1Mb / 5P
N-Ch 100V Fast Switching MOSFETs
logo
uPI Group Inc.
QM0008D UPI-QM0008D Datasheet
259Kb / 4P
N-Ch 100V Fast Switching MOSFETs
QM0018AB UPI-QM0018AB Datasheet
257Kb / 4P
N-Ch 100V Fast Switching MOSFETs
QM0014D UPI-QM0014D Datasheet
235Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
SHIKUES Electronics
SK14N10-P8 SKTECHNOLGY-SK14N10-P8 Datasheet
983Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA0020A FETEK-FKBA0020A Datasheet
653Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKD0032 FETEK-FKD0032 Datasheet
666Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKD0048 FETEK-FKD0048 Datasheet
689Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : B
FKH0016 FETEK-FKH0016 Datasheet
760Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com