Electronic Components Datasheet Search
  English  ▼

X  

UPD17216 Datasheet(PDF) 13 Page - NEC

Part # UPD17216
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17216 Datasheet(HTML) 13 Page - NEC

Back Button UPD17216 Datasheet HTML 9Page - NEC UPD17216 Datasheet HTML 10Page - NEC UPD17216 Datasheet HTML 11Page - NEC UPD17216 Datasheet HTML 12Page - NEC UPD17216 Datasheet HTML 13Page - NEC UPD17216 Datasheet HTML 14Page - NEC UPD17216 Datasheet HTML 15Page - NEC UPD17216 Datasheet HTML 16Page - NEC UPD17216 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
µPD17215, 17216, 17217, 17218
13
2.3.2
Function of stack
The address stack register stores a return address when the subroutine call instruction or table reference instruction (first
instruction cycle) is executed or when an interrupt is accepted. It also stores the contents of the address registers (ARs)
when a stack manipulation instruction (PUSH AR) is executed.
The WDOUT pin goes low if a subroutine call or interrupt exceeding 5 levels is executed.
The interrupt stack register (INTSK) saves the contents of the bank register (BANK) and program status word (PSWORD)
when an interrupt is accepted. The saved contents are restored when an interrupt return (RETI) instruction is executed.
INTSK saves data each time an interrupt is accepted, but the data stored first is lost if more than 3 levels of interrupts
occur.
2.3.3
Stack Pointer (SP) and Interrupt Stack Pointer
Table 2-1 shows the operations of the stack pointer (SP).
The stack pointer can take eight values, 0H-07. Because there are only five stack registers available, however, the
WDOUT pin goes low if the value of SP is 6 or greater.
Table 2-1 Operations of Stack Pointer
Instruction
Value of Stack Pointer (SP)
Counter of Interrupt Stack Register
CALL addr
CALL @AR
MOVT DBF, @AR
–1
0
(1st Instruction Cycle)
PUSH AR
When Interrupt Is Accepted
–1
–1
RET
RETSK
MOVT DBF, @AR
+1
0
(2nd Instruction Cycle)
POP AR
RET1
+1
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com