Electronic Components Datasheet Search
  English  ▼

X  

UPD17225 Datasheet(PDF) 1 Page - NEC

Part # UPD17225
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17225 Datasheet(HTML) 1 Page - NEC

  UPD17225 Datasheet HTML 1Page - NEC UPD17225 Datasheet HTML 2Page - NEC UPD17225 Datasheet HTML 3Page - NEC UPD17225 Datasheet HTML 4Page - NEC UPD17225 Datasheet HTML 5Page - NEC UPD17225 Datasheet HTML 6Page - NEC UPD17225 Datasheet HTML 7Page - NEC UPD17225 Datasheet HTML 8Page - NEC UPD17225 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
©
1997,1999
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD17225, 17226, 17227, 17228
DESCRIPTION
µPD17225, 17226, 17227, 17228 (hereafter called µPD17225 subseries) are 4-bit single-chip microcontrollers for
small general-purpose infrared remote control transmitters.
It employs a 17K architecture of general-purpose register type devices for the CPU, and can directly execute
operations between memories instead of the conventional method of executing operations through the accumulator.
Moreover, all the instructions are 16-bit 1-word instructions which can be programmed efficiently.
In addition, a one-time PROM model,
µPD17P218, to which data can be written only once, is also available. It is
convenient either for evaluating the
µPD17225 subseries programs or small-scale production of application systems.
Detailed functions are described in the following manual. Be sure to read this manual when designing your
system.
µPD172×× Subseries User's Manual: U12795E
FEATURES
•
Infrared remote controller carrier generator circuit (REM output)
•
17K architecture: General-purpose register system
•
Program memory (ROM), Data memory (RAM)
µPD17225
µPD17226
µPD17227
µPD17228
Program memory (ROM)
4 K bytes
8 K bytes
12 K bytes
16 K bytes
(2048
× 16)
(4096
× 16)
(6144
× 16)
(8192
× 16)
Data memory (RAM)
111
× 4 bits
223
× 4 bits
•
8-bit timer
: 1 channel
•
Basic internal timer/Watchdog timer : 1 channel (WDOUT output)
•
Instruction execution time (can be changed in two steps)
at fX = 4 MHz
: 4
µs (high-speed mode)/8 µs (ordinary mode)
at fX = 8 MHz
: 2
µs (high-speed mode)/4 µs (ordinary mode)
•
External interrupt pin (INT)
: 1
•
I/O pins
: 20
•
Supply voltage
: VDD = 2.2 to 3.6 V (at fX = 8 MHz (high-speed mode))
VDD = 2.0 to 3.6 V (at fX = 4 MHz (high-speed mode))
•
Low-voltage detector circuit (mask option)
Unless otherwise specified, the
µPD17225 is treated as the representative model throughout this document.
Document No. U12643EJ2V0DS00 (2nd edition)
Date Published April 1999 N CP (K)
Printed in Japan
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR SMALL GENERAL-PURPOSE INFRARED
REMOTE CONTROL TRANSMITTER
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD17225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17225 RENESAS-UPD17225 Datasheet
501Kb / 86P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD17225

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com