Electronic Components Datasheet Search
  English  ▼

X  

UM0670 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 34Page - STMicroelectronics UM0670 Datasheet HTML 35Page - STMicroelectronics UM0670 Datasheet HTML 36Page - STMicroelectronics UM0670 Datasheet HTML 37Page - STMicroelectronics UM0670 Datasheet HTML 38Page - STMicroelectronics UM0670 Datasheet HTML 39Page - STMicroelectronics UM0670 Datasheet HTML 40Page - STMicroelectronics UM0670 Datasheet HTML 41Page - STMicroelectronics UM0670 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
UM0670
Design calculation
Doc ID 15327 Rev 2
38/43
Resistor R202 limits the charging current and should be in the following range:
Equation 4
Equation 5
Equation 6
A 1 k
Ω resistor is chosen for R202.
Capacitor C203 should be lower than 1.25 nF, and therefore a value of 220 pF was chosen:
Equation 7
C203 = 220 pF
Inductor size is calculated using following equation:
Equation 8
Two sense resistors are connected in parallel and their size is calculated:
Equation 9
The output LED current of 1 A was precisely set by adjusting resistors R204 and R206, and
therefore their optimal resistance values are 1.5
Ω and 2.2 Ω.
R204 = 1.5 Ω
R206 = 2.2 Ω
In the next step the power MOSFET and its heat sink are calculated. The power MOSFET
RMS current is derived using the following equation:
V
GD M AX
V
ZCD C LAMP
V
F
–
–
I
ZCD M AX
V
ZCD C LAMP
R
203
-----------------------------------
+
-------------------------------------------------------------------------------
R
202
R
203
V
GD M IN
V
–
ZCD C LAMP
V
F
–
V
ZCD CL AM P
------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
×
<<
15
5.7
–
0.7
–
0.01
5.7
3900
-------------
⎝⎠
⎛⎞
+
-------------------------------------
R
202
3900
9.8
5.7
–
0.7
–
5.7
-------------------------------------
⎝⎠
⎛⎞
×
<<
750
R
202
2326
<<
C
203
C
204
C
206
||
()
V
ZCD CL AM P
V
GD CMAX
V
ZCD CL AM P
–
V
F
–
()
----------------------------------------------------------------------------------------
1.89
10
9
–
5.7
15
5.7
–
0.7
–
-----------------------------------
×
1.25 nF
==
<
L
V
LED
t
OFF
×
2I
MAX
I
AVR
–
()
×
----------------------------------------------
80
16
10
6
–
×
×
21.4
1
–
()
×
---------------------------------------
1.6mH
==
=
R
204
R
206
V
CS
I
MAX
------------
1.08
1.04
-----------
0.77
Ω
==
=
||



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com