Electronic Components Datasheet Search
  English  ▼

X  

UM1615 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1615
Description  16-pin smartcard interface ST8034C demonstration board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1615 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1615 Datasheet HTML 1Page - STMicroelectronics UM1615 Datasheet HTML 2Page - STMicroelectronics UM1615 Datasheet HTML 3Page - STMicroelectronics UM1615 Datasheet HTML 4Page - STMicroelectronics UM1615 Datasheet HTML 5Page - STMicroelectronics UM1615 Datasheet HTML 6Page - STMicroelectronics UM1615 Datasheet HTML 7Page - STMicroelectronics UM1615 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID024329 Rev 1
3/8
UM1615
Description
8
2.1
Use of the demonstration board
The ST8034C demonstration board is designed both for standalone operation or to be fully
controlled by the microcontroller; it is fully configurable and provides access to all the
signals including supply voltages through labeled test points and uses a standard connector
for a simple communication interface with the microcontroller block. The labeled test points
on the board are in the same order as the signals in the flat interface cable.
For an easy connection of oscilloscope probes to the test points, remove the plastic tip with
the hook from the probes and insert the center pin into the test point terminal. Ground test
points are available in a sufficient amount throughout the board.
2.2
Smartcard interface
The demonstration board contains a full size smartcard connector. Insert the smartcard from
the right-hand side, card contacts facing down. Card presence detection is implemented
(a presence switch inside the card connector, normally open).
2.3
Interface to a microcontroller block
A standard 16-pin header connector with a standard cable is used to interconnect the
ST8034C demonstration board module with a microcontroller block. The voltage level for
communication on this interface is VDD(INTF).
2.4
Default functionality notes
No floating pins: for simple standalone testing, all the input signal levels are softly
defined by pull-up or pull-down resistors on the board, refer to Figure 4: Schematic
diagram.
The PORADJ undervoltage threshold on the VDD(INTF) supply voltage (UVLO) is set by
R1 and R2 to 1.5 V typ. The resistors can be replaced with different values to set
different undervoltage thresholds on VDD(INTF):
VDD(INTF) UVLO threshold (falling) = (R1 + R2) / R2 x VTH(PORADJ)
VDD(INTF) UVLO threshold (rising) = (R1 + R2) / R2 x (VTH(PORADJ)+ VHYST(PORADJ))
For detailed specifications of the voltage threshold values, refer to Table 7 of the
ST8034C datasheet.
The sum of R1 + R2 should be about 100 k
, which is a good compromise between
a sufficient robustness and a minimum current consumption.
Please consider tolerance ranges of the resistors used in the resistor divider and
specifications range of the VTH(PORADJ) to make sure that even in the worst case the
real VDD(INTF) undervoltage deactivation threshold does not fall in the desired operating
voltage range (i.e. consider also voltage supply tolerance range).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com