Electronic Components Datasheet Search
  English  ▼

X  

PVI5013 Datasheet(PDF) 2 Page - International Rectifier

Part # PVI5013
Description  PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVI5013 Datasheet(HTML) 2 Page - International Rectifier

  PVI5013 Datasheet HTML 1Page - International Rectifier PVI5013 Datasheet HTML 2Page - International Rectifier PVI5013 Datasheet HTML 3Page - International Rectifier PVI5013 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PVI5013R
Electrical Specifications (-40°C
≤ T
A ≤ +85°C unless otherwise specified)
INPUT CHARACTERISTICS
Limits
Units
Min. Input Current (See Fig.1)
5.0
mA
Input Current Range (See Fig. 1)
3.0 to 25
mA
Max. Continuous Input Current @ TA=+25°C
40
mA
LED Forward Voltage Drop @ 5mA, TA=+25°C (See Fig. 3)
1.4
V
Max. Reverse Voltage
7.0
V
Max. Reverse Current @ -7VDC, TA=+25°C
10
µA
OUTPUT CHARACTERISTICS
Limits
Units
Min. Forward Voltage
8.0
VDC
Max. Reverse Current
10
µADC
COUPLED CHARACTERISTICS
Limits
Units
Min. Output Voltage @ ILED = 5mA, RL = 10MΩ
3V
@ TA=0°C to +70°C (See Fig. 1 & 2)
Max. Output Voltage @ ILED = 5mA, RL = 10MΩ
8V
@ TA=0°C to +70°C (See Fig. 1 & 2)
Max. Voltage Differential Between Outputs
1.0
V
@ ILED = 5mA, RL = 10M
Ω
Typical Output Short-Circuit Current
1.0
µA
@ ILED = 5mA, @ TA=+25°C (See Fig. 1 & 2)
Max. Turn-On Time @ ILED = 5mA, CLOAD = 200pF (See Fig. 4)
5
ms
Max. Turn-Off Time @ ILED = 5mA, CLOAD = 200pF (See Fig. 4)
0.25
ms
Off-State Clamping Resistance: minimum
100
Ω
maximum
3300
Ω
GENERAL CHARACTERISTICS
Limits
Units
Min. Dielectric Strength, Input-Output
3750
VRMS
Min. Dielectric Strength, Output-to-Output
1200
VDC
Min. Insulation Resistance, Input-to-Output
@TA=+25°C, 50%RH, 100VDC
Max. Capacitance, Input-Output
5.0
pF
Max. Pin Soldering Temperature (10 seconds max.)
+260
°C
Ambient Temperature Range: Operating
-40 to +85
°C
Storage
-40 to +125
°C
Connection Diagram
1012
5 (-)
6 (+)
7 (-)
8 (+)
1
2
3
4
Ω
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com