Electronic Components Datasheet Search
  English  ▼

X  

PD8835 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PD8835
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD8835 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PD8835_15 Datasheet HTML 1Page - Renesas Technology Corp PD8835_15 Datasheet HTML 2Page - Renesas Technology Corp PD8835_15 Datasheet HTML 3Page - Renesas Technology Corp PD8835_15 Datasheet HTML 4Page - Renesas Technology Corp PD8835_15 Datasheet HTML 5Page - Renesas Technology Corp PD8835_15 Datasheet HTML 6Page - Renesas Technology Corp PD8835_15 Datasheet HTML 7Page - Renesas Technology Corp PD8835_15 Datasheet HTML 8Page - Renesas Technology Corp PD8835_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
3
μ PD8835
Data Sheet S20220EJ1V0DS
PIN CONFIGURATION (Top View)
CCD linear image sensor 56-pin plastic DIP with heat sink (15.24 mm (600)) 1.778 mm pitch
27
28
15
16
17
18
19
20
21
22
23
24
25
26
30
29
42
41
40
39
38
37
36
35
34
33
32
31
13
14
1
2
3
4
5
6
7
8
9
11
12
10
Ground
Output signal (Green rear odd)
Heat sink Vdd
Shift register clock 2
Shift register clock 1
Ground
Transfer gate clock
Output unit drain voltage 2
Output signal (Blue rear odd)
Output signal (Blue rear even)
Output unit drain voltage 2
Output unit drain voltage 2
Output unit drain voltage 2
Ground
Ground
Output signal (Green rear even)
Heat sink Vdd
Last stage shift register clock 2L
Substrate voltage
Shift register clock 1
Reset gate clock
Ground
Ground
Output unit drain voltage 1
Shift register clock 2
Output signal (Red rear even)
Output signal (Red rear odd)
Heat sink Vdd
Output signal (Green front odd)
Output signal (Blue front even)
Ground
Shift register clock 2
Ground
Ground
Shift register clock 1
Output signal (Blue front odd)
Output unit drain voltage 2
Transfer gate clock
Output unit drain voltage 2
Output unit drain voltage 2
Output unit drain voltage 2
2
GND
HS-VDD
VOUT-G1
GND
VOUT-B1
VOUT-B2
GND
VOD2
VOD2
VOD2
VOD2
1
TG
Shift register clock 1
Heat sink Vdd
Shift register clock 2
Output unit drain voltage 1
Output signal (Green front even)
Ground
Output signal (Red front even)
Output signal (Red front odd)
Ground
Digital power supply
Reset gate clock
Substrate voltage
Last stage shift register clock 2L
Ground
45
44
43
56
55
54
53
52
51
50
49
48
47
46
VOD1
2
1
HS-VDD
VOUT-G2
GND
VOUT-R2
VOUT-R1
VSUB
GND
VDD
R
2L
GND
VOUT-R4
GND
VOUT-G4
HS-VDD
1
2
GND
VOD1
2L
R
VDD
GND
VSUB
VOUT-R3
GND
VOUT-B3
VOUT-G3
HS-VDD
2
1
GND
TG
VOD2
VOD2
VOD2
VOD2
GND
VOUT-B4
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
φ
Digital power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com