Electronic Components Datasheet Search
  English  ▼

X  

UD4305 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # UD4305
Description  N-Ch and P-Ch Fast Switching MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD4305 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  UD4305 Datasheet HTML 1Page - Unitpower Technology Limited UD4305 Datasheet HTML 2Page - Unitpower Technology Limited UD4305 Datasheet HTML 3Page - Unitpower Technology Limited UD4305 Datasheet HTML 4Page - Unitpower Technology Limited UD4305 Datasheet HTML 5Page - Unitpower Technology Limited UD4305 Datasheet HTML 6Page - Unitpower Technology Limited UD4305 Datasheet HTML 7Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
N-Ch and P-Ch Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.032
---
V/℃
VGS=10V , ID=10A
---
14
17
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=6A
---
18
22
m
Ω
VGS(th)
Gate Threshold Voltage
1.0
1.5
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =250uA
---
-4.8
---
mV/℃
VDS=32V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=32V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=10A
---
16.2
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
2.1
4.2
Ω
Qg
Total Gate Charge (4.5V)
---
9.1
---
Qgs
Gate-Source Charge
---
2.1
---
Qgd
Gate-Drain Charge
VDS=20V , VGS=4.5V , ID=12A
---
4.1
---
nC
Td(on)
Turn-On Delay Time
---
15.2
---
Tr
Rise Time
---
3.6
---
Td(off)
Turn-Off Delay Time
---
46.4
---
Tf
Fall Time
VDD=15V , VGS=10V , RG=3.3Ω
ID=1A
---
3.2
---
ns
Ciss
Input Capacitance
---
1013
---
Coss
Output Capacitance
---
107
---
Crss
Reverse Transfer Capacitance
VDS=15V , VGS=0V , f=1MHz
---
76
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.1mH , IAS=15A
20
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
32
A
ISM
Pulsed Source Current
2,6
VG=VD=0V , Force Current
---
---
64
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=25A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
N-Channel Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Guaranteed Avalanche Characteristics
Diode Characteristics
UD4305



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com