Electronic Components Datasheet Search
  English  ▼

X  

SD1053C Datasheet(PDF) 1 Page - International Rectifier

Part # SD1053C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD1053C Datasheet(HTML) 1 Page - International Rectifier

  SD1053C Datasheet HTML 1Page - International Rectifier SD1053C Datasheet HTML 2Page - International Rectifier SD1053C Datasheet HTML 3Page - International Rectifier SD1053C Datasheet HTML 4Page - International Rectifier SD1053C Datasheet HTML 5Page - International Rectifier SD1053C Datasheet HTML 6Page - International Rectifier SD1053C Datasheet HTML 7Page - International Rectifier SD1053C Datasheet HTML 8Page - International Rectifier SD1053C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SD1053C..L SERIES
FAST RECOVERY DIODES
Hockey Puk Version
D-697
920A
1050A
Bulletin I2079/A
Features
High power FAST recovery diode series
2.0 to 3.0 µs recovery time
High voltage ratings up to 3000V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Case style conform to JEDEC DO-200AB (B-PUK)
Maximum junction temperature 150°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
1050
920
A
@ T
hs
55
55
°C
I
F(RMS)
1940
1700
A
I
FSM
@ 50Hz
15000
13000
A
@ 60Hz
15700
13610
A
V
RRM
range
1800 to 2500 1800 to 3000
V
t
rr
2.0
3.0
µs
@ T
J
25
25
°C
T
J
- 40 to 150
°C
Parameters
Units
SD1053C..L
S20
S30
Major Ratings and Characteristics
case style DO-200AB (B-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD1053C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
14-May-08
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
464Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
14-May-08
SD1053C18S20L VISHAY-SD1053C18S20L_12 Datasheet
464Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
14-May-08
SD1053C18S30L VISHAY-SD1053C18S30L Datasheet
449Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
14-May-08
SD1053C18S30L VISHAY-SD1053C18S30L Datasheet
464Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
14-May-08
More results

Similar Description - SD1053C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD603C IRF-SD603C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com