Electronic Components Datasheet Search
  English  ▼

X  

SD1100C Datasheet(PDF) 2 Page - International Rectifier

Part # SD1100C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD1100C Datasheet(HTML) 2 Page - International Rectifier

  SD1100C Datasheet HTML 1Page - International Rectifier SD1100C Datasheet HTML 2Page - International Rectifier SD1100C Datasheet HTML 3Page - International Rectifier SD1100C Datasheet HTML 4Page - International Rectifier SD1100C Datasheet HTML 5Page - International Rectifier SD1100C Datasheet HTML 6Page - International Rectifier SD1100C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD1100C..L Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
30
3000
3100
32
3200
3300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD1100C..L
15
Parameter
Units
Conditions
I
F(AV)
Max. average forward current
1170(600) 910(420)
A
180° conduction, half sine wave
@ Heatsink temperature
55(85)
55(85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
2080
1660
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
13000
10500
t = 10ms
No voltage
non-repetitive surge current
13600
11000
t = 8.3ms
reapplied
10930
8830
t = 10ms
100% V
RRM
11450
9250
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
846
551
t = 10ms
No voltage
Initial T
J
= T
J
max.
772
503
t = 8.3ms
reapplied
598
390
t = 10ms
100% V
RRM
546
356
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
8460
5510
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.31
1.44
V
I
pk
= 1500A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
SD1100C..L
04 to 20 25 to 32
V
m
Ω
0.26
0.38
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.35
0.40
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.94
0.88
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.78
0.84
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
Forward Conduction
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com