Electronic Components Datasheet Search
  English  ▼

X  

U024006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U024006
Description  USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U024006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U024006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U024006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Extension Cable (A M/F), 6-ft.
MODEL NUMBER: U024-006
Description
This 6-ft USB gold extension cable is manufactured using USB2.0 cable. It is designed specifically for use with
USB 2.0 A/B device cables. This cable is backwards compatible and can also be used with the older USB 1.1
cables. Made with superior foil shielding for reliable error-free data communications. Features gold plated
connectors and gold plated copper contacts for superior conductivity. The cable is manufactured with molded connectors and integral strain relief for extra
durability and long life. The significantly faster data transfer rates of USB 2.0 (up to 480 Mbps) makes it perfect for multimedia applications.
Features
Supports faster data transfer rates (1.5 to 480 Mbps) for low speed and high speed devices including multimedia applications
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil feature twisted 28/24 AWG data lines
Gold plated connectors provide superior conductivity
Extend distances of the fast USB 2.0 with this extension cable
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
Highlights
Extend distances of USB 2.0
cables with this extension cable
Supports faster data transfer
rates (1.5 to 480 Mbps) for low
speed and high speed devices,
especially multimedia applications
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/24 AWG data lines
Gold plated connectors provide
superior conductivity
System Requirements
Any device requiring a longer
USB cable
Package Includes
6-ft USB 2.0 Gold Extension
Cable (USB A M/F)
1 / 2


Similar Part No. - U024006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U024001PM TRIPPLITE-U024001PM Datasheet
489Kb / 2P
USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount A M-F), 1-ft
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
More results

Similar Description - U024006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U026-016 TRIPPLITE-U026-016 Datasheet
556Kb / 3P
USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
UR024006 TRIPPLITE-UR024006 Datasheet
503Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 6-ft
UR024006WH TRIPPLITE-UR024006WH Datasheet
484Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 6-ft
U02610M TRIPPLITE-U02610M Datasheet
516Kb / 2P
USB 2.0 Hi-Speed Active Extension Repeater Cable (A M-F), 10M (33-ft)
U02620M TRIPPLITE-U02620M Datasheet
505Kb / 2P
USB 2.0 Hi-Speed Active Extension Repeater Cable (A-A M-F), 20M (65-ft)
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U026016 TRIPPLITE-U026016 Datasheet
553Kb / 2P
USB 2.0 Hi-Speed Active Extension Cable (A M-F), 16-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com