Electronic Components Datasheet Search
  English  ▼

X  

SD1500C Datasheet(PDF) 2 Page - International Rectifier

Part # SD1500C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD1500C Datasheet(HTML) 2 Page - International Rectifier

  SD1500C Datasheet HTML 1Page - International Rectifier SD1500C Datasheet HTML 2Page - International Rectifier SD1500C Datasheet HTML 3Page - International Rectifier SD1500C Datasheet HTML 4Page - International Rectifier SD1500C Datasheet HTML 5Page - International Rectifier SD1500C Datasheet HTML 6Page - International Rectifier SD1500C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD1500C..L SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
1600A
Bulletin I2086/A
Features
Wide current range
High voltage ratings up to 3000V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style DO-200AB (B-PUK)
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Major Ratings and Characteristics
I
F(AV)
1600
A
@ T
hs
55
°C
I
F(RMS)
3010
A
@ T
hs
25
°C
I
FSM
@ 50Hz
16600
A
@ 60Hz
17400
A
I
2t
@ 50Hz
1386
KA
2s
@ 60Hz
1265
KA
2s
V
RRM
range
400 to 3000
V
T
J
- 40 to 180
°C
Parameters
SD1500C..L
Units
case style DO-200AB (B-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com