Electronic Components Datasheet Search
  English  ▼

X  

SD1700C Datasheet(PDF) 3 Page - International Rectifier

Part # SD1700C
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD1700C Datasheet(HTML) 3 Page - International Rectifier

  SD1700C Datasheet HTML 1Page - International Rectifier SD1700C Datasheet HTML 2Page - International Rectifier SD1700C Datasheet HTML 3Page - International Rectifier SD1700C Datasheet HTML 4Page - International Rectifier SD1700C Datasheet HTML 5Page - International Rectifier SD1700C Datasheet HTML 6Page - International Rectifier SD1700C Datasheet HTML 7Page - International Rectifier SD1700C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SD1700C..K Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
V
V
mA
24
2400
2500
30
3000
3100
SD1700C..K
36
3600
3700
75
40
4000
4100
45
4500
4600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameter
Units
Conditions
Forward Conduction
I
F(AV)
Max. average forward current 2080(1000) 1875(920)
A
180° conduction, half sine wave
@ Heatsink temperature
55(85)
55(85)
°C
Double side (single side) cooled
I
F(RMS)
Max. RMS forward current
3600
3280
A
@ 25°C heatsink temperature double side cooled
I
FSM
Max. peak, one-cycle forward,
24000
20000
t = 10ms
No voltage
non-repetitive surge current
25150
20950
t = 8.3ms
reapplied
20200
16800
t = 10ms
50% V
RRM
21150
17600
t = 8.3ms
reapplied
Sinusoidal halfwave,
I2t
Maximum I2t for fusing
2890
2000
t = 10ms
No voltage
Initial T
J
= T
J
max.
2630
1826
t = 8.3ms
reapplied
2040
1415
t = 10ms
50% V
RRM
1860
1292
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
28900
20000
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.81
2.11
V
I
pk
= 4000A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
A
KA2s
SD1700C..K
24 to 36
40 to 45
V
m
Ω
0.21
0.29
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.23
0.31
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.02
0.99
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.89
0.88
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com