Electronic Components Datasheet Search
  English  ▼

X  

UPD17704 Datasheet(PDF) 13 Page - NEC

Part # UPD17704
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17704 Datasheet(HTML) 13 Page - NEC

Back Button UPD17704 Datasheet HTML 9Page - NEC UPD17704 Datasheet HTML 10Page - NEC UPD17704 Datasheet HTML 11Page - NEC UPD17704 Datasheet HTML 12Page - NEC UPD17704 Datasheet HTML 13Page - NEC UPD17704 Datasheet HTML 14Page - NEC UPD17704 Datasheet HTML 15Page - NEC UPD17704 Datasheet HTML 16Page - NEC UPD17704 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 356 page
background image
13
µPD17704, 17705, 17707, 17708, 17709
Pin No.
Symbol
Function
Output Form
30
VDD1
Power supply. Supply the same voltage to these pins.
–
79
VDD0
• With CPU and peripheral function operating: 4.5 to 5.5 V
• With CPU operating
: 3.5 to 5.5 V
• With clock stopped
: 2.2 to 5.5 V
31
VCOH
PLL local oscillation (VCO) frequency input.
–
32
VCOL
• VCOH
• Active with VHF mode selected by program; otherwise, pulled down.
• VCOL
• Active with HF or MW mode selected by program; otherwise, pulled down.
Because the input of these pins goes into an AC amplifier, cut the DC
component of the input signal with a capacitor.
34
EO0
Output from charge pump of PLL frequency synthesizer. Outputs the divided
CMOS
35
EO1
frequency of local oscillation and the result of comparison of the phase
3-state
difference of reference frequency.
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
High-impedance
High-impedance
High-impendance
High-impedance
output
output
output
output
36
TEST
Test input pin.
–
Be sure to connect this pin to GND.
37
P1D3
Port 1D and BEEP output.
CMOS
38
P1D2
• P1D3 through P1D0
push-pull
39
P1D1/BEEP1
• 4-bit I/O port
40
P1D0/BEEP0
• Can be set in input or output mode in 1-bit units.
• BEEP1, BEEP0
• BEEP output
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
(P1D3 through P1D0)
(P1D3 through P1D0)
(P1D3 through P1D0)
(P1D3 through P1D0)
43
P2B3
4-bit I/O Port.
CMOS
|
|
Can be set in input or output mode in 1-bit units.
push-pull
46
P2B0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
47
P3C3
4-bit I/O Port.
CMOS
|
|
Can be set in input or output mode in 4-bit units.
push-pull
50
P3C0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com