Electronic Components Datasheet Search
  English  ▼

X  

HV43 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # HV43
Description  Tri-state function available.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HV43 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  HV43 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Applications
●
Tri-state function available.
SMD CMOS output
11.4 x 9.6 x 3.0 mm
Output Wave Form
CMOS output
●
CPU , Graphics , Multimedia A / V clocks
●
Fast Ethernet and Gigabit Ethernet clocks
●
MPEG / DVD / HDTV clocks
●
NTSC / PAL encoder / decoder clocks
●
Laser engine pixel / set - top clocks
●
PLL / synthesizer clocks
General Specifications
Paramenters
Electrical Spec.
Input Voltage ( VDD)
3.3 V ± 5 %
●
OC-3 , OC-12 , OC-48 and OC-192 clocks
●
Fibre channel and ADSL clocks
●
SONET / SDH / ATM clocks
2.4 n sec.( typical ) [ 0.3 V ↔ 3.0V, 15 pF load ]
" C20 " ±20 ppm over -10°C to +70°C ;
" I20 " ± 20 ppm over -40°C to +85°C
Rise Time ( Tr ) / Fall Time ( Tf )
Duty Cycle
50% ± 10% [ 50% ± 5% is also available ]
desired stability after the " C " or " I "
Operating Temperature Range
Aging
± 3 ppm per year (max.)
Storage Temperature
- 50°C to 100°C
± 25 ppm
± 50 ppm ± 100 ppm
If non-standard , please enter the
Outline Dimensions
( Unit : mm )
Mercury www .mercury-crystal.com
■Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
For example :
Phase Noise ( typical )
Offset
10 Hz 100 Hz
1K Hz 10 KHz 100KHz 1 MHz 10 MHz
Frequency Stability
(1) Codes
Frequency Stability over
Oscillators Series [ For High Frequency ]
HV43 series
3.3 V
125.1 ~ 200.0 MHz / [ 15pF load ]
Start - Up Time (Ts)
10 m sec.( typical )
Current Consumption
45 mA max.
Frequency Range / Load
Output Logic High " 1 "
0.9 V ( min. )
Output Logic Low " 0 "
0.1 V ( max. )
Integrated Phase Noise
2.4 ps ( typical ) ; 4.0 ps ( max.)
Commercial ( -10°C to +70°C )
AB
C
Industrial ( -40°C to +85°C )
DE
F
-120
dBc / Hz
-140
-65
-95
-120
-125
-121


Similar Part No. - HV43

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
High Voltage Ring Generator
HV430WG SUTEX-HV430WG Datasheet
119Kb / 8P
High Voltage Ring Generator
HV430WG SUTEX-HV430WG Datasheet
56Kb / 5P
High Voltage 1 REN Ring Generator
HV430WG-G SUTEX-HV430WG-G Datasheet
546Kb / 9P
High-Voltage Ring Generator
HV430 SUTEX-HV430_14 Datasheet
546Kb / 9P
High-Voltage Ring Generator
More results

Similar Description - HV43

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
H43 MERCURY-H43 Datasheet
85Kb / 1P
Tri-state function available.
HF8 MERCURY-HF8 Datasheet
119Kb / 1P
Tri-state function available.
HF14 MERCURY-HF14 Datasheet
120Kb / 1P
Tri-state function available.
HF42 MERCURY-HF42 Datasheet
118Kb / 1P
Tri-state function available.
HF43 MERCURY-HF43 Datasheet
120Kb / 1P
Tri-state function available.
HV8 MERCURY-HV8 Datasheet
102Kb / 1P
Tri-state function available.
HV14 MERCURY-HV14 Datasheet
102Kb / 1P
Tri-state function available.
HV42 MERCURY-HV42 Datasheet
118Kb / 1P
Tri-state function available.
HW14 MERCURY-HW14 Datasheet
102Kb / 1P
Tri-state function available.
HW43 MERCURY-HW43 Datasheet
102Kb / 1P
Tri-state function available.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com