Electronic Components Datasheet Search
  English  ▼

X  

SD300 Datasheet(PDF) 1 Page - International Rectifier

Part # SD300
Description  STANDARD RECOVERY DIODES Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD300 Datasheet(HTML) 1 Page - International Rectifier

  SD300 Datasheet HTML 1Page - International Rectifier SD300 Datasheet HTML 2Page - International Rectifier SD300 Datasheet HTML 3Page - International Rectifier SD300 Datasheet HTML 4Page - International Rectifier SD300 Datasheet HTML 5Page - International Rectifier SD300 Datasheet HTML 6Page - International Rectifier SD300 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD300C..C SERIES
STANDARD RECOVERY DIODES
Hockey Puk Version
650A
Bulletin I2083/B
Features
Wide current range
High voltage ratings up to 3200V
High surge current capabilities
Diffused junction
Hockey Puk version
Case style DO-200AA
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
SD300C..C
04 to 20
25 to 32
I
F(AV)
650
540
A
@ T
hs
55
55
°C
I
F(RMS)
1150
995
A
@ T
hs
25
25
°C
I
FSM
@ 50Hz
6050
6050
A
@ 60Hz
6335
6335
A
I
2t
@ 50Hz
183
183
KA
2s
@ 60Hz
167
167
KA
2s
V
RRM
range
400 to 2000
2500 to 3200
V
T
J
- 40 to 180
- 40 to 150
°C
Major Ratings and Characteristics
case style DO-200AA
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD300

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
Discrete Diodes
SD300-01NFB SIRECTIFIER-SD300-01NFB Datasheet
215Kb / 2P
Discrete Diodes
SD300-01NRB SIRECTIFIER-SD300-01NRB Datasheet
215Kb / 2P
Discrete Diodes
SD300-02NFB SIRECTIFIER-SD300-02NFB Datasheet
215Kb / 2P
Discrete Diodes
SD300-02NRB SIRECTIFIER-SD300-02NRB Datasheet
215Kb / 2P
Discrete Diodes
More results

Similar Description - SD300

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com