Electronic Components Datasheet Search
  English  ▼

X  

SD303C Datasheet(PDF) 1 Page - International Rectifier

Part # SD303C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD303C Datasheet(HTML) 1 Page - International Rectifier

  SD303C Datasheet HTML 1Page - International Rectifier SD303C Datasheet HTML 2Page - International Rectifier SD303C Datasheet HTML 3Page - International Rectifier SD303C Datasheet HTML 4Page - International Rectifier SD303C Datasheet HTML 5Page - International Rectifier SD303C Datasheet HTML 6Page - International Rectifier SD303C Datasheet HTML 7Page - International Rectifier SD303C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SD303C..C SERIES
FAST RECOVERY DIODES
Hockey Puk Version
350A
D-655
Bulletin I2066/B
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Case style conform to JEDEC DO-200AA
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
Major Ratings and Characteristics
I
F(AV)
350
A
@ T
hs
55
°C
I
F(RMS)
550
A
@ T
hs
25
°C
I
FSM
@ 50Hz
5770
A
@ 60Hz
6040
A
I
2t
@ 50Hz
166
KA
2s
@ 60Hz
152
KA
2s
V
RRM
range
400 to 2500
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD303C..C
Units
case style DO-200AA
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD303C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
Fast Recovery Diodes (Hockey PUK Version), 350 A
04-Aug-08
SD303C04S10C VISHAY-SD303C04S10C Datasheet
276Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 350 A
04-Aug-08
SD303C04S10C VISHAY-SD303C04S10C_12 Datasheet
276Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 350 A
04-Aug-08
SD303C04S15C VISHAY-SD303C04S15C Datasheet
263Kb / 10P
Fast Recovery Diodes (Hockey PUK Version), 350 A
04-Aug-08
SD303C04S20C VISHAY-SD303C04S20C Datasheet
263Kb / 10P
Fast Recovery Diodes (Hockey PUK Version), 350 A
04-Aug-08
More results

Similar Description - SD303C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD603C IRF-SD603C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com